công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14008B bảng dữ liệu(PDF) 8 Page - ON Semiconductor

tên linh kiện MC14008B
Giải thích chi tiết về linh kiện  4-Bit Full Adder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14008B bảng dữ liệu(HTML) 8 Page - ON Semiconductor

  MC14008B Datasheet HTML 1Page - ON Semiconductor MC14008B Datasheet HTML 2Page - ON Semiconductor MC14008B Datasheet HTML 3Page - ON Semiconductor MC14008B Datasheet HTML 4Page - ON Semiconductor MC14008B Datasheet HTML 5Page - ON Semiconductor MC14008B Datasheet HTML 6Page - ON Semiconductor MC14008B Datasheet HTML 7Page - ON Semiconductor MC14008B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MC14008B
http://onsemi.com
8
PACKAGE DIMENSIONS
SOIC−16
CASE 751B−05
ISSUE K
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL CONDITION.
18
16
9
SEATING
PLANE
F
J
M
R X 45_
G
8 PL
P
−B−
−A−
M
0.25 (0.010)
B S
−T−
D
K
C
16 PL
S
B
M
0.25 (0.010)
A S
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.80
10.00
0.386
0.393
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
____
6.40
16X
0.58
16X
1.12
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT
16
89
8X
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
MC14008B/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Số phần tương tự - MC14008B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14008B MOTOROLA-MC14008B Datasheet
255Kb / 8P
   4-Bit Full Adder
logo
ON Semiconductor
MC14008B ONSEMI-MC14008B Datasheet
225Kb / 8P
   4-Bit Full Adder
March, 2000 ??Rev. 3
MC14008B ONSEMI-MC14008B Datasheet
107Kb / 8P
   4?묪it Full Adder
August, 2005 ??Rev. 6
MC14008B ONSEMI-MC14008B Datasheet
109Kb / 7P
   4-Bit Full Adder
July, 2014 ??Rev. 8
logo
Motorola, Inc
MC14008BCL MOTOROLA-MC14008BCL Datasheet
255Kb / 8P
   4-Bit Full Adder
More results

Mô tả tương tự - MC14008B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
CD4008BM NSC-CD4008BM Datasheet
124Kb / 6P
   4-Bit Full Adder
logo
Motorola, Inc
MC14008B MOTOROLA-MC14008B Datasheet
255Kb / 8P
   4-Bit Full Adder
logo
Hitachi Semiconductor
HD14008B HITACHI-HD14008B Datasheet
69Kb / 5P
   4-bit Full Adder
logo
ON Semiconductor
MC14008B ONSEMI-MC14008B_14 Datasheet
109Kb / 7P
   4-Bit Full Adder
July, 2014 ??Rev. 8
MC14008B ONSEMI-MC14008B Datasheet
225Kb / 8P
   4-Bit Full Adder
March, 2000 ??Rev. 3
logo
Fairchild Semiconductor
7483A FAIRCHILD-7483A Datasheet
135Kb / 3P
   4-BIT BINARY FULL ADDER
logo
STMicroelectronics
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
247Kb / 10P
   4 BIT BINARY FULL ADDER
logo
Fairchild Semiconductor
4008B FAIRCHILD-4008B Datasheet
96Kb / 2P
   4-BIT BINARY FULL ADDER
logo
NXP Semiconductors
HEF4008B PHILIPS-HEF4008B Datasheet
62Kb / 5P
   4-bit binary full adder
January 1995
logo
Renesas Technology Corp
HD74LS283 RENESAS-HD74LS283 Datasheet
101Kb / 8P
   4-bit Binary Full Adder
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com