công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC74AC11DTR2 bảng dữ liệu(PDF) 3 Page - ON Semiconductor |
|
MC74AC11DTR2 bảng dữ liệu(HTML) 3 Page - ON Semiconductor |
3 / 9 page MC74AC11, MC74ACT11 http://onsemi.com 3 AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D) Symbol Parameter VCC* (V) 74AC 74AC Unit Fig. No. TA = +25°C CL = 50 pF TA = −40°C to +85°C CL = 50 pF Min Typ Max Min Max tPLH Propagation Delay 3.3 1.5 5.5 9.5 1.0 10.0 ns 3−5 5.0 1.5 4.0 8.0 1.0 8.5 tPHL Propagation Delay 3.3 1.5 5.5 8.5 1.0 9.5 ns 3−5 5.0 1.5 4.0 7.0 1.0 7.5 *Voltage Range 3.3 V is 3.3 V ±0.3 V. Voltage Range 5.0 V is 5.0 V ±0.5 V. DC CHARACTERISTICS Symbol Parameter VCC (V) 74ACT 74ACT Unit Conditions TA = +25°C TA = −40°C to +85°C Typ Guaranteed Limits VIH Minimum High Level Input Voltage 4.5 1.5 2.0 2.0 V VOUT = 0.1 V 5.5 1.5 2.0 2.0 or VCC − 0.1 V VIL Maximum Low Level Input Voltage 4.5 1.5 0.8 0.8 V VOUT = 0.1 V 5.5 1.5 0.8 0.8 or VCC − 0.1 V VOH Minimum High Level Output Voltage 4.5 4.49 4.4 4.4 V IOUT = −50 mA 5.5 5.49 5.4 5.4 *VIN = VIL or VIH 4.5 − 3.86 3.76 V IOH −24 mA 5.5 − 4.86 4.76 −24 mA VOL Maximum Low Level Output Voltage 4.5 0.001 0.1 0.1 V IOUT = 50 mA 5.5 0.001 0.1 0.1 *VIN = VIL or VIH 4.5 − 0.36 0.44 V IOL 24 mA 5.5 − 0.36 0.44 24 mA IIN Maximum Input Leakage Current 5.5 − ±0.1 ±1.0 mA VI = VCC, GND DICCT Additional Max. ICC/Input 5.5 0.6 − 1.5 mA VI = VCC − 2.1 V IOLD †Minimum Dynamic Output Current 5.5 − − 75 mA VOLD = 1.65 V Max IOHD 5.5 − − −75 mA VOHD = 3.85 V Min ICC Maximum Quiescent Supply Current 5.5 − 4.0 40 mA VIN = VCC or GND *All outputs loaded; thresholds on input associated with output under test. †Maximum test duration 2.0 ms, one output loaded at a time. |
Số phần tương tự - MC74AC11DTR2 |
|
Mô tả tương tự - MC74AC11DTR2 |