công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4861M-NOPB bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện LM4861M-NOPB
Giải thích chi tiết về linh kiện  LM4861 1.1W Audio Power Amplifier with Shutdown Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4861M-NOPB bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM4861M-NOPB Datasheet HTML 1Page - Texas Instruments LM4861M-NOPB Datasheet HTML 2Page - Texas Instruments LM4861M-NOPB Datasheet HTML 3Page - Texas Instruments LM4861M-NOPB Datasheet HTML 4Page - Texas Instruments LM4861M-NOPB Datasheet HTML 5Page - Texas Instruments LM4861M-NOPB Datasheet HTML 6Page - Texas Instruments LM4861M-NOPB Datasheet HTML 7Page - Texas Instruments LM4861M-NOPB Datasheet HTML 8Page - Texas Instruments LM4861M-NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LM4861
www.ti.com
SNAS095C – MAY 1997 – REVISED MAY 2013
External Components Description
(Figure 2 and Figure 3)
Components
Functional Description
1. Ri
Inverting input resistance which sets the closed-loop gain in conjunction with Rf. This resistor also forms a high pass
filter with Ci at fC = 1 / (2π Ri Ci).
2. Ci
Input coupling capacitor which blocks DC voltage at the amplifier's input terminals. Also creates a high pass filter with
Ri at fC = 1 / (2π Ri Ci).
3. Rf
Feedback resistance which sets closed-loop gain in conjunction with Ri.
4. CSApplication
Supply bypass capacitor which provides power supply filtering. Refer to for proper placement and selection of supply
Information
bypass capacitor.
5. CB
Bypass pin capacitor which provides half supply filtering. Refer to Application Information for proper placement and
selection of bypass capacitor.
6. Cf
(1)
Cf in conjunction with Rf creates a low-pass filter which bandwidth limits the amplifier and prevents possible high
frequency oscillation bursts. fC = 1 / (2π Rf Cf)
(1)
Optional component dependent upon specific design requirements. Refer to Application Information for more information.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4861


Số phần tương tự - LM4861M-NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4861M NSC-LM4861M Datasheet
218Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4861M TI-LM4861M Datasheet
892Kb / 20P
[Old version datasheet]   1.1W Audio Power Amplifier with Shutdown Mode
LM4861M/NOPB TI-LM4861M/NOPB Datasheet
892Kb / 20P
[Old version datasheet]   1.1W Audio Power Amplifier with Shutdown Mode
LM4861MX TI-LM4861MX Datasheet
892Kb / 20P
[Old version datasheet]   1.1W Audio Power Amplifier with Shutdown Mode
LM4861MX/NOPB TI-LM4861MX/NOPB Datasheet
892Kb / 20P
[Old version datasheet]   1.1W Audio Power Amplifier with Shutdown Mode
More results

Mô tả tương tự - LM4861M-NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4861 NSC-LM4861 Datasheet
218Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4861MX TI-LM4861MX Datasheet
892Kb / 20P
[Old version datasheet]   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4871 UTC-PA4871 Datasheet
231Kb / 6P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4870 NSC-LM4870 Datasheet
259Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4871 UTC-PA4871_17 Datasheet
236Kb / 7P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4871 UTC-PA4871_15 Datasheet
277Kb / 6P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com