công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4861 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM4861
Giải thích chi tiết về linh kiện  LM4861 1.1W Audio Power Amplifier with Shutdown Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4861 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM4861 Datasheet HTML 7Page - Texas Instruments LM4861 Datasheet HTML 8Page - Texas Instruments LM4861 Datasheet HTML 9Page - Texas Instruments LM4861 Datasheet HTML 10Page - Texas Instruments LM4861 Datasheet HTML 11Page - Texas Instruments LM4861 Datasheet HTML 12Page - Texas Instruments LM4861 Datasheet HTML 13Page - Texas Instruments LM4861 Datasheet HTML 14Page - Texas Instruments LM4861 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LM4861
www.ti.com
SNAS095C – MAY 1997 – REVISED MAY 2013
AUDIO POWER AMPLIFIER DESIGN
Design a 1W / 8
Ω Audio Amplifier
Given:
Power Output
1 Wrms
Load Impedance
8
Input Level
1 Vrms
Input Impedance
20 k
Bandwidth
100 Hz–20 kHz ± 0.25 dB
A designer must first determine the needed supply rail to obtain the specified output power. By extrapolating from
Figure 11 in Typical Performance Characteristics, the supply rail can be easily found. A second way to determine
the minimum supply rail is to calculate the required Vopeak using Equation 5 and add the dropout voltage. Using
this method, the minimum supply voltage would be (Vopeak + VOD , where VOD is typically 0.6V.
(5)
For 1W of output power into an 8
Ω load, the required Vopeak is 4.0V. A minumum supply rail of 4.6V results from
adding Vopeak and Vod. But 4.6V is not a standard voltage that exists in many applications and for this reason, a
supply rail of 5V is designated. Extra supply voltage creates dynamic headroom that allows the LM4861 to
reproduce peaks in excess of 1Wwithout clipping the signal. At this time, the designer must make sure that the
power supply choice along with the output impedance does not violate the conditions explained in the POWER
DISSIPATION.
Once the power dissipation equations have been addressed, the required differential gain can be determined
from Equation 6.
(6)
Rf/Ri = AVD / 2
(7)
From Equation 6, the minimum Avd is 2.83: Avd = 3
Since the desired input impedance was 20k
Ω, and with a Avd of 3, a ratio of 1:1.5 of Rf to Ri results in an
allocation of Ri = 20kΩ, Rf = 30kΩ. The final design step is to address the bandwidth requirements which must
be stated as a pair of
−3dB frequency points. Five times away from a −3db point is 0.17dB down from passband
response which is better than the required ±0.25dB specified. This fact results in a low and high frequency pole
of 20Hz and 100kHz respectively. As stated in External Components Description , Ri in conjunction with Ci create
a highpass filter.
Ci ≥ 1 / (2π*20kΩ*20Hz) = 0.397μF; use 0.39μF.
(8)
The high frequency pole is determined by the product of the desired high frequency pole, fH, and the differential
gain, Avd. With a Avd = 2 and fH = 100kHz, the resulting GBWP = 100kHz which is much smaller than the LM4861
GBWP of 4MHz. This figure displays that if a designer has a need to design an amplifier with a higher differential
gain, the LM4861 can still be used without running into bandwidth problems.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4861


Số phần tương tự - LM4861

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4861 NSC-LM4861 Datasheet
218Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4861 NSC-LM4861 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4861 TI-LM4861 Datasheet
892Kb / 20P
[Old version datasheet]   1.1W Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4861M NSC-LM4861M Datasheet
218Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4861M TI-LM4861M Datasheet
892Kb / 20P
[Old version datasheet]   1.1W Audio Power Amplifier with Shutdown Mode
More results

Mô tả tương tự - LM4861

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4861 NSC-LM4861 Datasheet
218Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4861MX TI-LM4861MX Datasheet
892Kb / 20P
[Old version datasheet]   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4871 UTC-PA4871 Datasheet
231Kb / 6P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4870 NSC-LM4870 Datasheet
259Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4871 UTC-PA4871_17 Datasheet
236Kb / 7P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4871 UTC-PA4871_15 Datasheet
277Kb / 6P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com