công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4861MX bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM4861MX
Giải thích chi tiết về linh kiện  LM4861 1.1W Audio Power Amplifier with Shutdown Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4861MX bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM4861MX Datasheet HTML 5Page - Texas Instruments LM4861MX Datasheet HTML 6Page - Texas Instruments LM4861MX Datasheet HTML 7Page - Texas Instruments LM4861MX Datasheet HTML 8Page - Texas Instruments LM4861MX Datasheet HTML 9Page - Texas Instruments LM4861MX Datasheet HTML 10Page - Texas Instruments LM4861MX Datasheet HTML 11Page - Texas Instruments LM4861MX Datasheet HTML 12Page - Texas Instruments LM4861MX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LM4861
www.ti.com
SNAS095C – MAY 1997 – REVISED MAY 2013
APPLICATION INFORMATION
BRIDGE CONFIGURATION EXPLANATION
As shown in Figure 2 , the LM4861 has two operational amplifiers internally, allowing for a few different amplifier
configurations. The first amplifier's gain is externally configurable, while the second amplifier is internally fixed in
a unity-gain, inverting configuration. The closed-loop gain of the first amplifier is set by selecting the ratio of Rf to
Ri while the second amplifier's gain is fixed by the two internal 40kΩ resistors. Figure 2 shows that the output of
amplifier one serves as the input to amplifier two which results in both amplifiers producing signals identical in
magnitude, but out of phase 180°. Consequently, the differential gain for the IC is:
Avd = 2 * (Rf/ Ri)
(1)
By driving the load differentially through outputs VO1 and VO2, an amplifier configuration commonly referred to as
“bridged mode” is established. Bridged mode operation is different from the classical single-ended amplifier
configuration where one side of its load is connected to ground.
A bridge amplifier design has a few distinct advantages over the single-ended configuration, as it provides
differential drive to the load, thus doubling output swing for a specified supply voltage. Consequently, four times
the output power is possible as compared to a single-ended amplifier under the same conditions. This increase in
attainable output power assumes that the amplifier is not current limited or clipped. In order to choose an
amplifier's closed-loop gain without causing excessive clipping which will damage high frequency transducers
used in loudspeaker systems, please refer to AUDIO POWER AMPLIFIER DESIGN.
A bridge configuration, such as the one used in Boomer Audio Power Amplifiers, also creates a second
advantage over single-ended amplifiers. Since the differential outputs, VO1 and VO2, are biased at half-supply, no
net DC voltage exists across the load. This eliminates the need for an output coupling capacitor which is required
in a single supply, single-ended amplifier configuration. Without an output coupling capacitor in a single supply,
single-ended amplifier, the half-supply bias across the load would result in both increased internal IC power
dissipation and also permanent loudspeaker damage. An output coupling capacitor forms a high pass filter with
the load requiring that a large value such as 470
μF be used with an 8Ω load to preserve low frequency response.
This combination does not produce a flat response down to 20Hz, but does offer a compromise between printed
circuit board size and system cost, versus low frequency response.
POWER DISSIPATION
Power dissipation is a major concern when designing a successful amplifier, whether the amplifier is bridged or
single-ended. A direct consequence of the increased power delivered to the load by a bridge amplifier is an
increase in internal power dissipation. Equation 3 states the maximum power dissipation point for a bridge
amplifier operating at a given supply voltage and driving a specified output load.
PDMAX = 4*(VDD)
2 / (2π2R
L)
(2)
Since the LM4861 has two operational amplifiers in one package, the maximum internal power dissipation is 4
times that of a single-ended amplifier. Even with this substantial increase in power dissipation, the LM4861 does
not require heatsinking. From Equation 3, assuming a 5V power supply and an 8
Ω load, the maximum power
dissipation point is 625mW.The maximum power dissipation point obtained from Equation 3 must not be greater
than the power dissipation that results from Equation 3:
PDMAX = (TJMAX − TA) / θJA
(3)
For the LM4861 surface mount package,
θJA = 140°C/W and TJMAX = 150°C. Depending on the ambient
temperature, TA, of the system surroundings, Equation 3 can be used to find the maximum internal power
dissipation supported by the IC packaging. If the result of Equation 3 is greater than that of Equation 3, then
either the supply voltage must be decreased or the load impedance increased. For the typical application of a 5V
power supply, with an 8
Ω load, the maximum ambient temperature possible without violating the maximum
junction temperature is approximately 62.5°C provided that device operation is around the maximum power
dissipation point. Power dissipation is a function of output power and thus, if typical operation is not around the
maximum power dissipation point, the ambient temperature can be increased. Refer to the Typical Performance
Characteristics curves for power dissipation information for lower output powers.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4861


Số phần tương tự - LM4861MX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4861MX TI-LM4861MX Datasheet
892Kb / 20P
[Old version datasheet]   1.1W Audio Power Amplifier with Shutdown Mode
LM4861MX/NOPB TI-LM4861MX/NOPB Datasheet
892Kb / 20P
[Old version datasheet]   1.1W Audio Power Amplifier with Shutdown Mode
More results

Mô tả tương tự - LM4861MX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4861 NSC-LM4861 Datasheet
218Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4861MX TI-LM4861MX Datasheet
892Kb / 20P
[Old version datasheet]   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4871 UTC-PA4871 Datasheet
231Kb / 6P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4870 NSC-LM4870 Datasheet
259Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4871 UTC-PA4871_17 Datasheet
236Kb / 7P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4871 UTC-PA4871_15 Datasheet
277Kb / 6P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com