công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM392MX bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM392MX
Giải thích chi tiết về linh kiện  lm392-N Low Power Operational Amplifier/Voltage Comparator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM392MX bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM392MX Datasheet HTML 1Page - Texas Instruments LM392MX Datasheet HTML 2Page - Texas Instruments LM392MX Datasheet HTML 3Page - Texas Instruments LM392MX Datasheet HTML 4Page - Texas Instruments LM392MX Datasheet HTML 5Page - Texas Instruments LM392MX Datasheet HTML 6Page - Texas Instruments LM392MX Datasheet HTML 7Page - Texas Instruments LM392MX Datasheet HTML 8Page - Texas Instruments LM392MX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LM392-N
www.ti.com
SNOSBT5D – APRIL 1998 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2)
lm392-N
Supply Voltage, V+
32V or ±16V
Differential Input Voltage
32V
Input Voltage
−0.3V to +32V
Power Dissipation (3)
Molded DIP (LM392N)
820 mW
Small Outline Package (LM392M)
530 mW
Output Short-Circuit to Ground (4)
Continuous
Input Current (VIN < −0.3 VDC)
(5)
50 mA
Operating Temperature Range
0°C to +70°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 seconds)
260°C
ESD rating to be determined.
Soldering Information
Dual-in-Line Package
Soldering (10 seconds)
260°C
Small Outline Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
For operating at temperatures above 25°C, the lm392-N must be derated based on a 125°C maximum junction temperature and a
thermal resistance of 122°C/W which applies for the device soldered in a printed circuit board, operating in still air ambient. The
dissipation is the total of both amplifiers—use external resistors, where possible, to allow the amplifier to saturate or to reduce the power
which is dissipated in the integrated circuit.
(4)
Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground,
the maximum output current is approximately 40 mA for the op amp and 30 mA for the comparator independent of the magnitude of V+.
At values of supply voltage in excess of 15V, continuous short circuits can exceed the power dissipation ratings and cause eventual
destruction.
(5)
This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of
the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is
also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the amplifiers to go to
the V+ voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive and
normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than
−0.3V (at 25°C).
Electrical Characteristics
(V
+ = 5 V
DC; specifications apply to both amplifiers unless otherwise stated)
(1)
lm392-N
Parameter
Conditions
Units
Min
Typ
Max
Input Offset Voltage
TA = 25°C,
(2)
±2
±5
mV
Input Bias Current
IN(+) or IN(
−), TA =25°C,
(3) , V
CM = 0V
50
250
nA
Input Offset Current
IN(+)
− IN(−), TA = 25°C
±5
±50
nA
Input Common-Mode Voltage Range
V+ = 30 VDC, TA = 25°C,
(4)
0
V+
−1.5
V
Supply Current
RL = ∞ , V
+= 30 V
1
2
mA
Supply Current
RL = ∞ , V
+= 5 V
0.5
1
mA
(1)
These specifications apply for V+ = 5V, unless otherwise stated. For the lm392-N, temperature specifications are limited to 0°C
≤ TA
+70°C.
(2)
At output switch point, VO ≃ 1.4V, RS = 0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+ − 1.5V).
(3)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the input lines.
(4)
The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end
of the common-mode voltage range is V+
− 1.5V, but either or both inputs can go to 32V without damage.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM392-N


Số phần tương tự - LM392MX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM392MX/NOPB TI1-LM392MX/NOPB Datasheet
866Kb / 14P
[Old version datasheet]   Low Power Operational Amplifier/Voltage Comparator
More results

Mô tả tương tự - LM392MX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM392-N TI1-LM392-N Datasheet
148Kb / 8P
[Old version datasheet]   LM392 Low Power Operational Amplifier/Voltage Comparator
logo
National Semiconductor ...
LM392 NSC-LM392 Datasheet
98Kb / 6P
   Low Power Operational Amplifier/Voltage Comparator
logo
Texas Instruments
LM392-N TI1-LM392-N_16 Datasheet
866Kb / 14P
[Old version datasheet]   Low Power Operational Amplifier/Voltage Comparator
LM392 TI1-LM392_14 Datasheet
897Kb / 14P
[Old version datasheet]   LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
LM392 TI-LM392 Datasheet
286Kb / 10P
[Old version datasheet]   LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
logo
ON Semiconductor
LM392 ONSEMI-LM392 Datasheet
127Kb / 5P
   Low Power Operational Amplifier and Comparator
September, 2009 ??Rev. 4
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
   DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
NXP Semiconductors
SA58603 PHILIPS-SA58603 Datasheet
137Kb / 15P
   High precision operational amplifier, comparator, and voltage reference
2002 Nov 13
logo
Unisonic Technologies
UM602A UTC-UM602A_17 Datasheet
166Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com