công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM20BIM7 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM20BIM7
Giải thích chi tiết về linh kiện  LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM20BIM7 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM20BIM7 Datasheet HTML 1Page - Texas Instruments LM20BIM7 Datasheet HTML 2Page - Texas Instruments LM20BIM7 Datasheet HTML 3Page - Texas Instruments LM20BIM7 Datasheet HTML 4Page - Texas Instruments LM20BIM7 Datasheet HTML 5Page - Texas Instruments LM20BIM7 Datasheet HTML 6Page - Texas Instruments LM20BIM7 Datasheet HTML 7Page - Texas Instruments LM20BIM7 Datasheet HTML 8Page - Texas Instruments LM20BIM7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LM20
www.ti.com
SNIS106P – DECEMBER 1999 – REVISED FEBRUARY 2013
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for V
+ = +2.7 V
DC. Boldface limits apply for TA = TJ = TMIN to TMAX ; all
other limits TA = TJ = 25°C; Unless otherwise noted.
LM20B
LM20C
LM20S
TYPICAL
UNIT
PARAMETER
CONDITIONS
Limits
Limits
Limits
(1)
(Limit)
(2)
(2)
(2)
0
μA ≤ IL ≤ 16 μA
−2.5
−2.5
−2.5
mV (max)
Load Regulation(7)
(5) (6)
2.4 V
≤ V+ ≤ 5.0V
3.3
3.7
3.7
mV/V (max)
Line Regulation(8)
5.0 V
≤ V+ ≤ 5.5 V
11
11
11
mV (max)
2.4V
≤ V+ ≤ 5.0V
4.5
7
7
7
μA (max)
Quiescent Current
5.0V
≤ V+ ≤ 5.5V
4.5
9
9
9
μA (max)
2.4V
≤ V+ ≤ 5.0V
4.5
10
10
10
μA (max)
Change of Quiescent Current
2.4 V
≤ V+ ≤ 5.5V
0.7
μA
Temperature Coefficient of
−11
nA/°C
Quiescent Current
Shutdown Current
V+
≤ 0.8 V
0.02
μA
(7)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
(8)
Line regulation is calculated by subtracting the output voltage at the highest supply input voltage from the output voltage at the lowest
supply input voltage.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM20


Số phần tương tự - LM20BIM7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM20BIM7 NSC-LM20BIM7 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
LM20BIM7 NSC-LM20BIM7 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM20BIM7 TI1-LM20BIM7 Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
LM20BIM7/NOPB TI1-LM20BIM7/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20BIM7EP NSC-LM20BIM7EP Datasheet
250Kb / 9P
   Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
More results

Mô tả tương tự - LM20BIM7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM20 TI-LM20_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10UA, SC70, Temperature Sensor
LM19 TI-LM19_15 Datasheet
268Kb / 14P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
LM19 TI1-LM19 Datasheet
283Kb / 13P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com