công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2663 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2663
Giải thích chi tiết về linh kiện  LM2662/LM2663 Switched Capacitor Voltage Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM2663 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM2663 Datasheet HTML 5Page - Texas Instruments LM2663 Datasheet HTML 6Page - Texas Instruments LM2663 Datasheet HTML 7Page - Texas Instruments LM2663 Datasheet HTML 8Page - Texas Instruments LM2663 Datasheet HTML 9Page - Texas Instruments LM2663 Datasheet HTML 10Page - Texas Instruments LM2663 Datasheet HTML 11Page - Texas Instruments LM2663 Datasheet HTML 12Page - Texas Instruments LM2663 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
LM2662, LM2663
www.ti.com
SNVS002D – JANUARY 1999 – REVISED MAY 2013
The oscillator frequency can be lowered by adding an external capacitor between OSC and GND (See typical
performance characteristics). Also, in the inverter mode, an external clock that swings within 100 mV of V+ and
GND can be used to drive OSC. Any CMOS logic gate is suitable for driving OSC. LV must be grounded when
driving OSC. The maximum external clock frequency is limited to 150 kHz.
The switching frequency of the converter (also called the charge pump frequency) is half of the oscillator
frequency.
NOTE: OSC cannot be driven by an external clock in the voltage-doubling mode.
Table 1. LM2662 Oscillator Frequency Selection
FC
OSC
Oscillator
Open
Open
20 kHz
V+
Open
150 kHz
Open or V+
External Capacitor
See Typical Performance Characteristics
N/A
External Clock (inverter mode only)
External Clock Frequency
Table 2. LM2663 Oscillator Frequency Selection
OSC
Oscillator
Open
150 kHz
External Capacitor
See Typical Performance Characteristics
External Clock (inverter mode only)
External Clock Frequency
SHUTDOWN MODE
For the LM2663, a shutdown (SD) pin is available to disable the device and reduce the quiescent current to 10
μA. Applying a voltage greater than 2V to the SD pin will bring the device into shutdown mode. While in normal
operating mode, the SD pin is connected to ground.
CAPACITOR SELECTION
As discussed in the Simple Negative Voltage Converter section, the output resistance and ripple voltage are
dependent on the capacitance and ESR values of the external capacitors. The output voltage drop is the load
current times the output resistance, and the power efficiency is
(3)
Where IQ(V+) is the quiescent power loss of the IC device, and IL
2R
OUT is the conversion loss associated with the
switch on-resistance, the two external capacitors and their ESRs.
Low ESR capacitors (Table 3) are recommended for both capacitors to maximize efficiency, reduce the output
voltage drop and voltage ripple. For convenience, C1 and C2 are usually chosen to be the same.
The output resistance varies with the oscillator frequency and the capacitors. In Figure 19, the output resistance
vs. oscillator frequency curves are drawn for four difference capacitor values. At very low frequency range,
capacitance plays the most important role in determining the output resistance. Once the frequency is increased
to some point (such as 100 kHz for the 47
μF capacitors), the output resistance is dominated by the ON
resistance of the internal switches and the ESRs of the external capacitors. A low value, smaller size capacitor
usually has a higher ESR compared with a bigger size capacitor of the same type. Ceramic capacitors can be
chosen for their lower ESR. As shown in Figure 19, in higher frequency range, the output resistance using the 10
μF ceramic capacitors is close to these using higher value tantalum capacitors.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2662 LM2663


Số phần tương tự - LM2663

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2663 NSC-LM2663 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2663 TI-LM2663 Datasheet
1Mb / 25P
[Old version datasheet]   LM266x Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2663M NSC-LM2663M Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2663M TI-LM2663M Datasheet
1Mb / 25P
[Old version datasheet]   LM266x Switched Capacitor Voltage Converter
LM2663M/NOPB TI-LM2663M/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM266x Switched Capacitor Voltage Converter
More results

Mô tả tương tự - LM2663

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2665 TI1-LM2665_16 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com