công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7818P bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện ADS7818P
Giải thích chi tiết về linh kiện  12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS7818P bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS7818P Datasheet HTML 2Page - Texas Instruments ADS7818P Datasheet HTML 3Page - Texas Instruments ADS7818P Datasheet HTML 4Page - Texas Instruments ADS7818P Datasheet HTML 5Page - Texas Instruments ADS7818P Datasheet HTML 6Page - Texas Instruments ADS7818P Datasheet HTML 7Page - Texas Instruments ADS7818P Datasheet HTML 8Page - Texas Instruments ADS7818P Datasheet HTML 9Page - Texas Instruments ADS7818P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
®
ADS7818
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VCC = +5V, fSAMPLE = 500kHz, fCLK = 16 • fSAMPLE, and internal +2.5V reference, unless otherwise specified.
CHANGE IN SIGNAL-TO-NOISE RATIO
and SIGNAL-TO-(NOISE+DISTORTION)
vs TEMPERATURE
–20
–40
100
Temperature (
°C)
0.2
0.1
0.0
–0.1
–0.2
–0.3
0.3
0
20
40
60
80
SINAD
SNR
f
IN = 100kHz, –0.2dB
CHANGE IN SPURIOUS FREE DYNAMIC RANGE
AND TOTAL HARMONIC DISTORTION
vs TEMPERATURE
–20
–40
100
Temperature (
°C)
0.5
0.0
–0.5
–1.0
–1.5
–2.0
1.0
–0.5
0.0
0.5
1.0
1.5
2.0
–1.0
0
20
40
60
80
THDh
SFDR
h First nine harmonics
f
IN = 100kHz, –0.2dB
of the input frequency
0
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 247kHz, –0.2dB)
–100
–80
–60
–40
–20
0
250
62.5
187.5
125
Frequency (kHz)
–120
SPURIOUS FREE DYNAMIC RANGE AND
TOTAL HARMONIC DISTORTION
vs INPUT FREQUENCY
10k
100k
1k
1M
Input Frequency (Hz)
85
80
75
70
65
90
85
80
75
70
65
90
THDh
h First nine harmonics
of the input frequency
SFDR
SIGNAL-TO-NOISE RATIO and
SIGNAL-TO-(NOISE+DISTORTION)
vs INPUT FREQUENCY
10k
100k
1k
1M
Input Frequency (Hz)
74
72
70
68
66
64
76
SINAD
SNR


Số phần tương tự - ADS7818P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7818P BURR-BROWN-ADS7818P Datasheet
151Kb / 13P
   2SC5161
logo
Texas Instruments
ADS7818P TI-ADS7818P Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7818P TI-ADS7818P Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
ADS7818P TI1-ADS7818P Datasheet
668Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7818PB BURR-BROWN-ADS7818PB Datasheet
151Kb / 13P
   2SC5161
More results

Mô tả tương tự - ADS7818P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7835 TI1-ADS7835_14 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 TI1-ADS7834_14 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7835 BURR-BROWN-ADS7835 Datasheet
169Kb / 13P
   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 BURR-BROWN-ADS7834 Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 BURR-BROWN-ADS7834_13 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818E TI-ADS7818E Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7835E TI-ADS7835E Datasheet
824Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com