công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1202IPWR bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1202IPWR
Giải thích chi tiết về linh kiện  Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS1202IPWR bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADS1202IPWR Datasheet HTML 1Page - Texas Instruments ADS1202IPWR Datasheet HTML 2Page - Texas Instruments ADS1202IPWR Datasheet HTML 3Page - Texas Instruments ADS1202IPWR Datasheet HTML 4Page - Texas Instruments ADS1202IPWR Datasheet HTML 5Page - Texas Instruments ADS1202IPWR Datasheet HTML 6Page - Texas Instruments ADS1202IPWR Datasheet HTML 7Page - Texas Instruments ADS1202IPWR Datasheet HTML 8Page - Texas Instruments ADS1202IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ADS1202
2
SBAS275B
www.ti.com
PIN
NUMBER
NAME
DESCRIPTION
1
M0
Mode Input
2VIN+
Analog Input: Noninverting Input
3VIN
Analog Input: Inverting Input
4
M1
Mode Input
5
GND
Power Supply Ground
6
MDAT
Modulator Data Output
7
MCLK
Modulator Clock Input or Output
8VDD
Power Supply, +5V Nominal
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PARAMETER
MIN
NOM
MAX
UNIT
Supply Voltage, VDD
4.75
5.0
5.25
V
Analog Input Voltage, VIN
–250
+250
mV
Operating Common-Mode Signal, VCM
05
V
External Clock(1)
16
20
24
MHz
Operating Junction Temperature Range
–40
105
°C
NOTE: (1) With reduced accuracy, minimum clock can go up to 500kHz.
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature (unless otherwise noted)(1)
Supply Voltage, GND to VDD ................................................. –0.3V to 6V
Analog Input Voltage Range ......................... GND – 0.4V to VDD + 0.3V
Digital Input Voltage Range .......................... GND – 0.3V to VDD + 0.3V
Power Dissipation ............................................................................ 0.25W
Operating Virtual Junction Temperature Range, TJ ........ –40°C to +150°C
Operating Free-Air Temperature Range, TA .................... –40°C to +85°C
Storage Temperature Range, TSTG ................................ –65°C to +150°C
Lead Temperature 1.6mm (1/16") from Case for 10s .................. +260
°C
NOTE: (1) Stresses beyond those listed under the Absolute Maximum Ratings
may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond
those indicated under the Recommended Operating Conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may
affect device reliability.
DERATING
TA < 25°C
FACTOR
TA = 70°CTA = 85°C
POWER
ABOVE
POWER
POWER
PACKAGE
RATING
TA = 25°C(1)
RATING
RATING
TSSOP-8
483.6mW
3.868mW/
°C
309.5mW
251.4mW
NOTE: (1) This is the inverse of the traditional junction-to-ambient thermal
resistance (Rθ
JA
). Thermal resistances are not production tested and are for
informational purposes only.
DISSIPATION RATING
MAXIMUM
INTEGRAL
SPECIFIED
LINEARITY
MAXIMUM
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
ERROR (LSB)
GAIN ERROR (%)
PACKAGE-LEAD DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS1202
12
±2
TSSOP-8
PW
–40
°C to +85°C
ADS1202I
ADS1202IPWT
Tape and Reel, 250
ADS1202
""
"
"
"
"
ADS1202IPWR
Tape and Reel, 2000
PACKAGE/ORDERING INFORMATION
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
1
2
3
4
8
7
6
5
M0
V
IN+
V
IN–
M1
V
DD
MCLK
MDAT
GND
ADS1202
PIN CONFIGURATION
PIN DESCRIPTIONS
Top View
TSSOP
R
ON = 350Ω
C
(SAMPLE) = 5pF
V
DD
V
DD
D
IN
GND
GND
A
IN
Diode Turn on Voltage: 0.35V
Equivalent Analog Input Circuit
Equivalent Digital Input Circuit
EQUIVALENT INPUT CIRCUIT
RECOMMENDED OPERATING CONDITIONS


Số phần tương tự - ADS1202IPWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1202IPWR BURR-BROWN-ADS1202IPWR Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202IPWR TI1-ADS1202IPWR Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWR TI-ADS1202IPWR Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWR TI1-ADS1202IPWR Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
More results

Mô tả tương tự - ADS1202IPWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS574JH TI-ADS574JH Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com