công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RS02CKDE7017 bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện RS02CKDE7017
Giải thích chi tiết về linh kiện  Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RS02CKDE7017 bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  RS02CKDE7017 Datasheet HTML 1Page - Vishay Siliconix RS02CKDE7017 Datasheet HTML 2Page - Vishay Siliconix RS02CKDE7017 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RS, NS
www.vishay.com
Vishay Dale
Revision: 23-May-13
2
Document Number: 30204
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
Note
(1) On some standard reel pack methods, the leads may be
trimmed to a shorter length than shown
MATERIAL SPECIFICATIONS
Element: Copper-nickel alloy or nickel-chrome alloy,
depending on resistance value
Core: Ceramic, steatite or alumina, depending on physical
size
Coating: Special high temperature silicone
Standard Terminals: 100 % Sn, or 60/40 Sn/Pb coated
Copperweld®
End Caps: Stainless steel
Part Marking: DALE, model, wattage (2), value, tolerance,
date code
Note
(2) Wattage marked on part will be “U” characteristic
DERATING
Note
(3) B (max.) dimension is clean lead to clean lead
NS NON-INDUCTIVE
Models of equivalent physical and electrical specifications
are available with non-inductive (Ayrton-Perry) winding.
They are identified by substituting the letter N for R in the
model number (NS005, for example).
Two conditions apply:
1. For NS models, divide maximum resistance values by two
2. Body O.D. on NS02C may exceed that of the RS02C by
0.010"
C
D
A
1.50
[38.10]
(1)
min.
B
- 65 - 50
0
50
150
250
350
AMBIENT TEMPERATURE IN °C
120
100
80
60
40
20
0
CHAR. V
CHAR. U
25
GLOBAL
MODEL
DIMENSIONS in inches [millimeters]
A
B (3)
(max.)
CD
RS1/4
0.250 ± 0.031
[6.35 ± 0.787]
0.281
[7.14]
0.085 ± 0.020
[2.16 ± 0.508]
0.020 ± 0.002
[0.508 ± 0.051]
RS1/2
0.312 ± 0.016
[7.92 ± 0.406]
0.328
[8.33]
0.078 + 0.016 - 0.031
[1.98 + 0.406 - 0.787]
0.020 ± 0.002
[0.508 ± 0.051]
RS01A
RS01A...300
0.406 ± 0.031
[10.31 ± 0.787]
0.437
[11.10]
0.094 ± 0.031
[2.39 ± 0.787]
0.020 ± 0.002
[0.508 ± 0.051]
RS01M
0.285 ± 0.025
[7.24 ± 0.635]
0.311
[7.90]
0.110 ± 0.015
[2.79 ± 0.381]
0.020 ± 0.002
[0.508 ± 0.051]
RS002
0.625 ± 0.062
[15.88 ± 1.57]
0.765
[19.43]
0.250 ± 0.031
[6.35 ± 0.787]
0.040 ± 0.002
[1.02 ± 0.051]
RS02M
0.500 ± 0.062
[12.70 ± 1.57]
0.562
[14.27]
0.185 ± 0.015
[4.70 ± 0.381]
0.032 ± 0.002
[0.813 ± 0.051]
RS02B
RS02B...300
0.560 ± 0.062
[14.22 ± 1.57]
0.622
[15.80]
0.187 ± 0.031
[4.75 ± 0.787]
0.032 ± 0.002
[0.813 ± 0.051]
RS02C
0.500 ± 0.062
[12.70 ± 1.57]
0.593
[15.06]
0.218 ± 0.031
[5.54 ± 0.787]
0.040 ± 0.002
[1.02 ± 0.051]
RS02C...17
RS02C...23
0.500 ± 0.062
[12.70 ± 1.57]
0.593
[15.06]
0.218 ± 0.031
[5.54 ± 0.787]
0.032 ± 0.002
[0.813 ± 0.051]
RS005
RS005...69
RS005...70
0.875 ± 0.062
[22.23 ± 1.57]
1.0
[25.4]
0.312 ± 0.031
[7.92 ± 0.787]
0.040 ± 0.002
[1.02 ± 0.051]
RS007
1.22 ± 0.062
[30.99 ± 1.57]
1.28
[32.51]
0.312 ± 0.031
[7.92 ± 0.787]
0.040 ± 0.002
[1.02 ± 0.051]
RS010
RS010...39
1.78 ± 0.062
[45.21 ± 1.57]
1.87
[47.50]
0.375 ± 0.031
[9.53 ± 0.787]
0.040 ± 0.002
[1.02 ± 0.051]
RS010...38
1.78 ± 0.062
[45.21 ± 1.57]
1.84
[46.74]
0.375 ± 0.031
[9.53 ± 0.787]
0.040 ± 0.002
[1.02 ± 0.051]
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RS RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 20 for 10
 and above, ± 50 for 1  to 9.9 , ± 90 for 0.5  to 0.99 
Maximum Working Voltage
V
(P x R)1/2
Insulation Resistance
1000 M
 minimum dry, 100 M minimum after moisture test
Operating Temperature Range
°C
Characterisitic U = - 65 to + 250, characteristic V = - 65 to + 350
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
CHARACTERISTIC U CHARACTERISTIC V
Thermal Shock
Rated power applied until thermally stable, then a minimum of 15 min at - 55 °C
± (0.2 % + 0.05
) R ± (2.0 % + 0.05 ) R
Short Time Overload
5 x rated power (3.75 W and smaller), 10 x rated power (4 W and larger) for 5 s
± (0.2 % + 0.05
) R ± (2.0 % + 0.05 ) R
Dielectric Withstanding
Voltage
500 VRMS min. for RS1/4 thru RS01A, 1000 VRMS for all others, duration of 1 min
± (0.1 % + 0.05
) R ± (0.1 % + 0.05 ) R
Low Temperature Storage
- 65 °C for 24 h
± (0.2 % + 0.05
) R ± (2.0 % + 0.05 ) R
High Temperature Exposure
250 h at: U = + 250 °C, V = + 350 °C
± (0.5 % + 0.05
) R ± (2.0 % + 0.05 ) R
Moisture Resistance
MIL-STD-202 Method 106, 7b not applicable
± (0.2 % + 0.05
) R ± (2.0 % + 0.05 ) R
Shock, Specified Pulse
MIL-STD-202 Method 213, 100 g’s for 6 ms, 10 shocks
± (0.1 % + 0.05
) R ± (0.2 % + 0.05 ) R
Vibration, High Frequency
Frequency varied 10 Hz to 2000 Hz, 20 g peak, 2 directions 6 h each
± (0.1 % + 0.05
) R ± (0.2 % + 0.05 ) R
Load Life
2000 h at rated power, + 25 °C, 1.5 h “ON”, 0.5 h “OFF”
± (0.5 % + 0.05
) R ± (3.0 % + 0.05 ) R
Terminal Strength
Pull test 5 s to 10 s, 5 lb (RS1/4 thru RS01A), 10 lb for all others;
torsion test - 3 alternating directions, 360° each
± (0.1 % + 0.05
) R ± (1.0 % + 0.05 ) R


Số phần tương tự - RS02CKDE7017

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
RS02C VISHAY-RS02C Datasheet
286Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision 22-Mar-06
RS02C10K00AB12 VISHAY-RS02C10K00AB12 Datasheet
286Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision 22-Mar-06
RS02C10K00AB127 VISHAY-RS02C10K00AB127 Datasheet
179Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
RS02C10K00AE12 VISHAY-RS02C10K00AE12 Datasheet
286Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision 22-Mar-06
RS02C10K00AE127 VISHAY-RS02C10K00AE127 Datasheet
179Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
More results

Mô tả tương tự - RS02CKDE7017

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
RS02C1R000BB12 VISHAY-RS02C1R000BB12 Datasheet
199Kb / 4P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 09-Jan-12
RS121R000BB12 VISHAY-RS121R000BB12 Datasheet
179Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
NS02BR5000FE12 VISHAY-NS02BR5000FE12 Datasheet
189Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
RS010200R0FB12 VISHAY-RS010200R0FB12 Datasheet
179Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
ALSR VISHAY-ALSR Datasheet
92Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 18-Feb-16
CW02B10R00JE7013 VISHAY-CW02B10R00JE7013 Datasheet
172Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 01-Feb-12
CW02C250R0JS70 VISHAY-CW02C250R0JS70 Datasheet
172Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 01-Feb-12
ALSR0118R00FE12 VISHAY-ALSR0118R00FE12 Datasheet
79Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 24-Feb-12
MRB VISHAY-MRB Datasheet
86Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
AST VISHAY-AST Datasheet
118Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com