công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UA741MU bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện UA741MU
Giải thích chi tiết về linh kiện  GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UA741MU bảng dữ liệu(HTML) 4 Page - Texas Instruments

  UA741MU Datasheet HTML 1Page - Texas Instruments UA741MU Datasheet HTML 2Page - Texas Instruments UA741MU Datasheet HTML 3Page - Texas Instruments UA741MU Datasheet HTML 4Page - Texas Instruments UA741MU Datasheet HTML 5Page - Texas Instruments UA741MU Datasheet HTML 6Page - Texas Instruments UA741MU Datasheet HTML 7Page - Texas Instruments UA741MU Datasheet HTML 8Page - Texas Instruments UA741MU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
µA741, µA741Y
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS094B – NOVEMBER 1970 – REVISED SEPTEMBER 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
µA741C
µA741I
µA741M
UNIT
Supply voltage, VCC+ (see Note 1)
18
22
22
V
Supply voltage, VCC – (see Note 1)
–18
–22
–22
V
Differential input voltage, VID (see Note 2)
±15
±30
±30
V
Input voltage, VI any input (see Notes 1 and 3)
±15
±15
±15
V
Voltage between offset null (either OFFSET N1 or OFFSET N2) and VCC –
±15
±0.5
±0.5
V
Duration of output short circuit (see Note 4)
unlimited
unlimited
unlimited
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range, TA
0 to 70
– 40 to 85
– 55 to 125
°C
Storage temperature range
– 65 to 150
– 65 to 150
– 65 to 150
°C
Case temperature for 60 seconds
FK package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
J, JG, or U package
300
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
D, P, or PW package
260
260
°C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, unless otherwise noted, are with respect to the midpoint between VCC+ and VCC – .
2. Differential voltages are at IN+ with respect to IN –.
3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
4. The output may be shorted to ground or either power supply. For the
µA741M only, the unlimited duration of the short circuit applies
at (or below) 125
°C case temperature or 75°C free-air temperature.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING
FACTOR
DERATE
ABOVE TA
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D
500 mW
5.8 mW/
°C
64
°C
464 mW
377 mW
N/A
FK
500 mW
11.0 mW/
°C
105
°C
500 mW
500 mW
275 mW
J
500 mW
11.0 mW/
°C
105
°C
500 mW
500 mW
275 mW
JG
500 mW
8.4 mW/
°C90°C
500 mW
500 mW
210 mW
P
500 mW
N/A
N/A
500 mW
500 mW
N/A
PW
525 mW
4.2 mW/
°C25°C
336 mW
N/A
N/A
U
500 mW
5.4 mW/
°C
57
°C
432 mW
351 mW
135 mW


Số phần tương tự - UA741MU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
UA741M STMICROELECTRONICS-UA741M Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
UA741M STMICROELECTRONICS-UA741M Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
UA741MC STMICROELECTRONICS-UA741MC Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
UA741MD STMICROELECTRONICS-UA741MD Datasheet
153Kb / 11P
   General-purpose single operational amplifier
logo
Texas Instruments
UA741MFKB TI-UA741MFKB Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Mô tả tương tự - UA741MU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com