công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
U17198E bảng dữ liệu(PDF) 7 Page - Renesas Technology Corp |
|
U17198E bảng dữ liệu(HTML) 7 Page - Renesas Technology Corp |
7 / 44 page General Precautions for Handling This Product 1. Circumstances not covered by product guarantee • If the product was disassembled, altered, or repaired by the customer • If it was dropped, broken, or given another strong shock • Use at overvoltage, use outside guaranteed temperature range, storing outside guaranteed temperature range • If power was turned on while connection to the AC adapter, USB interface cable, or target system was in an unsatisfactory state • If the cable of the AC adapter, the USB interface cable, the emulation probe, or the like was bent or pulled excessively • When using an AC adapter (QB-COMMON-PW-xx) not supported in the region of use <R> • If the product got wet • If this product is connected to the target system when there is a potential difference between the GND of this product and GND of the target system. • If the connectors or cables are plugged/unplugged while this product is in the power-on state. • If excessive load is applied to the connectors or sockets (As for handling, please see 2.5 Mounting and Connecting Connectors). <R> • If a metal part of the power switch, cooling fan, or another such part comes in contact with an electrostatic charge. • If the product is used or stored in an environment where an electrostatic or electrical noise is likely to occur. 2. Safety precautions • If used for a long time, the product may become hot (50°C to 60°C). Be careful of low temperature burns and other dangers due to the product becoming hot. • Be careful of electrical shock. There is a danger of electrical shock if the product is used as described above in 1. Circumstances not covered by product guarantee. User’s Manual U17669EJ3V0UM 5 |
Số phần tương tự - U17198E |
|
Mô tả tương tự - U17198E |