công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP123AIDBVTG4 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
TMP123AIDBVTG4 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 18 page TMP121 TMP123 SBOS273C − JUNE 2003 − REVISED FEBRUARY 2005 www.ti.com 3 ELECTRICAL CHARACTERISTICS At TA = −40°C to +125°C and V+ = 2.7V to 5.5V, unless otherwise noted. TMP121, TMP123 PARAMETER CONDITIONS MIN TYP MAX UNIT TEMPERATURE INPUT Range −40 +125 °C Accuracy (temperature error) −25 °C to +85°C ±0.5 ±1.5 °C −40 °C to +125°C ±1.0 ±2.0 °C −40 °C to +150°C ±1.5 °C vs Supply −0.3 0.1 +0.3 °C/V Resolution ±0.0625 °C DIGITAL INPUT/OUTPUT Input Logic Levels: VIH 0.7(V+) V VIL 0.3(V+) V Input Current, SO, SCK, CS IIN 0V ≤ VIN ≤ V+ ±1 µA Output Logic Levels: VOL SO ISINK = 3mA 0.4 V VOH SO ISOURCE = 2mA (V+)−0.4 V Resolution 12 Bits Input Capacitance, SO, SCK, CS 2.5 pF Conversion Time 12-Bit 240 320 ms Conversion Period(1) 12-Bit 480 640 ms POWER SUPPLY Operating Range 2.7 5.5 V Quiescent Current IQ Serial Bus Inactive 35 50 µA Shutdown Current (TMP121) ISD Serial Bus Inactive 0.1 1 µA Shutdown Current (TMP123) ISD Serial Bus Inactive 0.1 3 µA TEMPERATURE RANGE Specified Range −40 +125 °C Operating Range −55 +150 °C Storage Range −60 +150 °C Thermal Resistance qJA SOT23-6 Surface-Mount 200 °C/W (1) Period indicates time between conversion starts. |
Số phần tương tự - TMP123AIDBVTG4 |
|
Mô tả tương tự - TMP123AIDBVTG4 |