công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33903CS5EKR2 bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33903CS5EKR2
Giải thích chi tiết về linh kiện  SBC Gen2 with CAN High Speed and LIN Interface
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33903CS5EKR2 bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCZ33903CS5EKR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33903/4/5
INTERNAL BLOCK DIAGRAMS
Figure 10. 33903 Internal Block Diagram
CS
SCLK
MOSI
INT
5 V-CAN
VSUP2
MISO
GND
SPI
RST
VDD Regulator
DBG
5V-CAN
Configurable
VDD
Input-Output
Regulator
VS2-INT
Oscillator
State Machine
Power Management
VS2-INT
I/O-0
RXD
TXD
Enhanced High Speed CAN
Physical Interface
CANL
CANH
SPLIT
SAFE
VSUP1
CS
SCLK
MOSI
INT
5 V-CAN
VSUP
MISO
GND
SPI
RST
VDD Regulator
DBG
5V-CAN
Configurable
VDD
VB
Analog Monitoring
SAFE
Signals Condition & Analog MUX
Input-Output
VSENSE
VE
Regulator
VS-INT
Oscillator
State Machine
Fail-safe
Power Management
VS-INT
MUX-OUT
IO-0
RXD
TXD
Enhanced High-speed CAN
Physical Interface
CANL
CANH
SPLIT
LIN Term #1
LIN-T1
LIN1
RXD-L1
TXD-L1
LIN 2.1 Interface - #1
VS-INT
LIN Term #2
LIN-T2
LIN2
RXD-L2
TXD-L2
LIN 2.1 Interface - #2
VS-INT
33903
33903D
I/O-3
LIN Term #1
CS
SCLK
MOSI
INT
5 V-CAN
VSUP
MISO
GND
SPI
RST
VDD Regulator
DBG
5V-CAN
Configurable
VDD
VB
Analog Monitoring
SAFE
Signals Condition & Analog MUX
Input-Output
VSENSE
VE
Regulator
VS-INT
Oscillator
State Machine
Fail-safe
Power Management
MUX-OUT
I/O-0
LIN-T
LIN
RXD-L
TXD-L
LIN 2.1 Interface - #1
RXD
TXD
Enhanced High Speed CAN
Physical Interface
CANL
CANH
SPLIT
VS-INT
VS-INT
I/O-3
CS
SCLK
MOSI
INT
5 V-CAN
VSUP
MISO
GND
SPI
RST
VDD Regulator
DBG
5V-CAN
Configurable
VDD
VB
Analog Monitoring
SAFE
Signals Condition & Analog MUX
Input-Output
VSENSE
VE
Regulator
VS-INT
Oscillator
State Machine
Fail-safe
Power Management
MUX-OUT
I/O-0
RXD
TXD
Enhanced High Speed CAN
Physical Interface
CANL
CANH
SPLIT
VS-INT
I/O-2
33903S
33903P


Số phần tương tự - MCZ33903CS5EKR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33903CS5EK-R2 FREESCALE-MCZ33903CS5EK-R2 Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33903CS5EK/R2 FREESCALE-MCZ33903CS5EK/R2 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MCZ33903CS5EK/R2 NXP-MCZ33903CS5EK/R2 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
More results

Mô tả tương tự - MCZ33903CS5EKR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
33903 FREESCALE-33903 Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
33903 NXP-33903 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
logo
Freescale Semiconductor...
33904 FREESCALE-33904 Datasheet
2Mb / 91P
   System Basis Chip Gen2 with High Speed CAN and LIN Interface
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
   LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com