công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FQD17P06 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FQD17P06
Giải thích chi tiết về linh kiện  P-Channel QFET MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD17P06 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FQD17P06_13 Datasheet HTML 1Page - Fairchild Semiconductor FQD17P06_13 Datasheet HTML 2Page - Fairchild Semiconductor FQD17P06_13 Datasheet HTML 3Page - Fairchild Semiconductor FQD17P06_13 Datasheet HTML 4Page - Fairchild Semiconductor FQD17P06_13 Datasheet HTML 5Page - Fairchild Semiconductor FQD17P06_13 Datasheet HTML 6Page - Fairchild Semiconductor FQD17P06_13 Datasheet HTML 7Page - Fairchild Semiconductor FQD17P06_13 Datasheet HTML 8Page - Fairchild Semiconductor FQD17P06_13 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FQD17P06/ FQU17P06 Rev.C0
June 2013
FQD17P06 / FQU17P06
P-Channel QFET® MOSFET
- 60 V, - 12 A, 135 m
Ω
Description
This P-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor®’s proprietary planar
stripe and DMOS technology. This advanced MOSFET
technology has been especially tailored to reduce on-state
resistance, and to provide superior switching performance and
high avalanche energy strength. These devices are suitable for
switched mode power supplies, audio amplifier, DC motor
control, and variable switching power applications.
Features
• -12 A, -60 V, RDS(on) = 135 mΩ (Max.) @ VGS = -10 V
• Low Gate Charge (Typ. 21 nC)
• Low Crss (Typ. 80 pF)
• 100% Avalanche Tested
• 175°C Maximum Junction Temperature Rating
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQD17P06 / FQU17P06
Unit
VDSS
Drain-Source Voltage
-60
V
ID
Drain Current
- Continuous (TC = 25°C)
-12
A
- Continuous (TC = 100°C)
-7.6
A
IDM
Drain Current
- Pulsed
(Note 1)
-48
A
VGSS
Gate-Source Voltage
± 25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
300
mJ
IAR
Avalanche Current
(Note 1)
-12
A
EAR
Repetitive Avalanche Energy
(Note 1)
4.4
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
-7.0
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
44
W
- Derate above 25°C
0.35
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
°C
Symbol
Parameter
FQD17P06 / FQU17P06
Unit
RθJC
Thermal Resistance, Junction-to-Case, Max.
2.85
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient *, Typ.
50
RθJA
Thermal Resistance, Junction-to-Ambient, Max.
110
* When mounted on the minimum pad size recommended (PCB Mount)
S
D
G
S
D
G
D-PAK
(TO252)
I-PAK
(TO251)
G D S


Số phần tương tự - FQD17P06_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQD17P06TM FAIRCHILD-FQD17P06TM Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -12 A, 135 m廓
FQD17P06 FAIRCHILD-FQD17P06_09 Datasheet
812Kb / 9P
   60V P-Channel MOSFET
More results

Mô tả tương tự - FQD17P06_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQB22P10 FAIRCHILD-FQB22P10_13 Datasheet
861Kb / 9P
   P-Channel QFET MOSFET
FQB34P10 FAIRCHILD-FQB34P10_13 Datasheet
526Kb / 9P
   P-Channel QFET MOSFET
FQT2P25TF FAIRCHILD-FQT2P25TF Datasheet
986Kb / 8P
   P-Channel QFET MOSFET
FQPF3P20 FAIRCHILD-FQPF3P20 Datasheet
529Kb / 8P
   QFET P-CHANNEL
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQU13N10TU FAIRCHILD-FQU13N10TU Datasheet
867Kb / 8P
   N-Channel QFET MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2_13 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
FQPF13N50T FAIRCHILD-FQPF13N50T Datasheet
1Mb / 10P
   N-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com