công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FQD13N10 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FQD13N10
Giải thích chi tiết về linh kiện  N-Channel QFET MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD13N10 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FQD13N10_13 Datasheet HTML 1Page - Fairchild Semiconductor FQD13N10_13 Datasheet HTML 2Page - Fairchild Semiconductor FQD13N10_13 Datasheet HTML 3Page - Fairchild Semiconductor FQD13N10_13 Datasheet HTML 4Page - Fairchild Semiconductor FQD13N10_13 Datasheet HTML 5Page - Fairchild Semiconductor FQD13N10_13 Datasheet HTML 6Page - Fairchild Semiconductor FQD13N10_13 Datasheet HTML 7Page - Fairchild Semiconductor FQD13N10_13 Datasheet HTML 8Page - Fairchild Semiconductor FQD13N10_13 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQD13N10 / FQU13N10
Unit
VDSS
Drain-Source Voltage
100
V
ID
Drain Current
- Continuous (TC = 25°C)
10
A
- Continuous (TC = 100°C)
6.3
A
IDM
Drain Current
- Pulsed
(Note 1)
40
A
VGSS
Gate-Source Voltage
± 25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
95
mJ
IAR
Avalanche Current
(Note 1)
10
A
EAR
Repetitive Avalanche Energy
(Note 1)
4.0
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
6.0
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
40
W
- Derate above 25°C
0.32
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Unit
RθJC
Thermal Resistance, Junction-to-Case
--
3.13
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient *
--
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
110
°C/W
* When mounted on the minimum pad size recommended (PCB Mount)
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
I-PAK
FQU Series
D-PAK
FQD Series
G
S
D
G
S
D
March 2013
FQD13N10 / FQU13N10
N-Channel QFET MOSFET
100 V, 10 A, 180 mΩ
Description
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor®’s proprietary
planar stripe and DMOS technology. This advanced
MOSFET technology has been especially tailored to reduce
on-state resistance, and to provide superior switching
performance and high avalanche energy strength. These
devices are suitable for switched mode power supplies,
audio amplifier, DC motor control, and variable switching
power applications.
Features
• 10 A, 100 V, RDS(on) = 180 mΩ (Max) @VGS = 10
V, ID = 5.0 A
• Low Gate Charge (Typ. 12 nC)
• Low Crss (Typ. 20 pF)
• 100% Avalanche Tested
©2000 Fairchild Semiconductor Corporation
FQD13N10 / FQU13N10 Rev. C0
www.fairchildsemi.com


Số phần tương tự - FQD13N10_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQD13N10L FAIRCHILD-FQD13N10L Datasheet
548Kb / 9P
   100V LOGIC N-Channel MOSFET
FQD13N10L FAIRCHILD-FQD13N10L Datasheet
998Kb / 10P
   N-Channel QFET MOSFET
logo
VBsemi Electronics Co.,...
FQD13N10L VBSEMI-FQD13N10L Datasheet
1,010Kb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
FQD13N10L UMW-FQD13N10L Datasheet
854Kb / 7P
   100V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
FQD13N10LTF VBSEMI-FQD13N10LTF Datasheet
1,010Kb / 7P
   N-Channel 100 V (D-S) MOSFET
More results

Mô tả tương tự - FQD13N10_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQU13N10TU FAIRCHILD-FQU13N10TU Datasheet
867Kb / 8P
   N-Channel QFET MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2_13 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
FQPF13N50T FAIRCHILD-FQPF13N50T Datasheet
1Mb / 10P
   N-Channel QFET MOSFET
FQD19N10 FAIRCHILD-FQD19N10_13 Datasheet
545Kb / 8P
   N-Channel QFET MOSFET
FQD19N10L FAIRCHILD-FQD19N10L_13 Datasheet
530Kb / 8P
   N-Channel QFET MOSFET
FQP6N80C FAIRCHILD-FQP6N80C_13 Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
FQT7N10LTF FAIRCHILD-FQT7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com