công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAU1446YSTZ-3A-RL bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện ADAU1446YSTZ-3A-RL
Giải thích chi tiết về linh kiện  SigmaDSP Digital Audio Processor
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAU1446YSTZ-3A-RL bảng dữ liệu(HTML) 5 Page - Analog Devices

  ADAU1446YSTZ-3A-RL Datasheet HTML 1Page - Analog Devices ADAU1446YSTZ-3A-RL Datasheet HTML 2Page - Analog Devices ADAU1446YSTZ-3A-RL Datasheet HTML 3Page - Analog Devices ADAU1446YSTZ-3A-RL Datasheet HTML 4Page - Analog Devices ADAU1446YSTZ-3A-RL Datasheet HTML 5Page - Analog Devices ADAU1446YSTZ-3A-RL Datasheet HTML 6Page - Analog Devices ADAU1446YSTZ-3A-RL Datasheet HTML 7Page - Analog Devices ADAU1446YSTZ-3A-RL Datasheet HTML 8Page - Analog Devices ADAU1446YSTZ-3A-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
ADAU1442/ADAU1445/ADAU1446
Rev. C | Page 5 of 92
SPECIFICATIONS
AVDD = 3.3 V, DVDD = 1.8 V, PVDD = 3.3 V, IOVDD = 3.3 V, TA = 25°C, master clock input = 12.288 MHz, core clock fCORE = 172.032 MHz,
I/O pins set to 2 mA drive setting, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ANALOG PERFORMANCE
AVDD = 3.3 V ± 10%.
Auxiliary Analog Inputs
Resolution
10
Bits
Full-Scale Analog Input
AVDD
V
Integral Nonlinearity (INL)
−2.3
+2.3
LSB
Differential Nonlinearity (DNL)
−2.0
+2.0
LSB
Gain Error
−2.0
+2.0
LSB
Input Impedance
200
Sample Rate
fCORE/896
kHz
4:1 multiplexed input, each
channel at fCORE/3584. For
fCORE = 172.032 MHz, each
channel is sampled at 48 kHz.
POWER
Supply Voltage
Analog Voltage (AVDD)
2.97
3.3
3.63
V
Digital Voltage (DVDD)
1.62
1.8
1.98
V
PLL Voltage (PVDD)
2.97
3.3
3.63
V
IOVDD Voltage (IOVDD)
2.97
3.3
3.63
V
Supply Current
Analog Current (AVDD)
2
mA
PLL Current (PVDD)
10
mA
I/O Current (IOVDD)
10
mA
Depends greatly on the num-
ber of active serial ports, clock
pins, and characteristics of
external loads.
Digital Current (DVDD)
ADAU1442
Typical Program
335
mA
Test program includes
16 channels I/O, 10-band EQ
per channel, all ASRCs active.
Minimal Program
115
mA
Test program includes
2 channels I/O, 10-band EQ
per channel.
ADAU1445
Typical Program
270
mA
Test program includes
16 channels I/O, 10-band EQ
per channel, all ASRCs active.
Minimal Program
115
mA
Test program includes
2 channels I/O, 10-band EQ
per channel.
ADAU1446
Typical Program
135
mA
Test program includes
16 channels I/O, 10-band EQ
per channel, all ASRCs active.
Minimal Program
110
Test program includes
2 channels I/O, 10-band EQ
per channel.
ASYNCHRONOUS SAMPLE RATE
CONVERTERS1
Dynamic Range
139
dB
A-weighted, 20 Hz to 20 kHz.
I/O Sample Rate
6
192
kHz


Số phần tương tự - ADAU1446YSTZ-3A-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADAU1401 AD-ADAU1401 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1401A AD-ADAU1401A Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1401A AD-ADAU1401A Datasheet
859Kb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1401AWBSTZ AD-ADAU1401AWBSTZ Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1401AWBSTZ AD-ADAU1401AWBSTZ Datasheet
859Kb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
More results

Mô tả tương tự - ADAU1446YSTZ-3A-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADAU1452 AD-ADAU1452 Datasheet
9Mb / 180P
   SigmaDSP Digital Audio Processor
ADAU1467 AD-ADAU1467 Datasheet
6Mb / 207P
   SigmaDSP Digital Audio Processor
ADAU1472 AD-ADAU1472 Datasheet
587Kb / 34P
   SigmaDSP Digital Audio Processor
ADAU1462 AD-ADAU1462 Datasheet
9Mb / 202P
   SigmaDSP Digital Audio Processor
ADAU1702 AD-ADAU1702_17 Datasheet
1Mb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701_16 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor
AD1940 AD-AD1940_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
ADAV400 AD-ADAV400 Datasheet
696Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. 0
ADAV400 AD-ADAV400_15 Datasheet
620Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. A
AD1941 AD-AD1941_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com