công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7824CQ bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD7824CQ
Giải thích chi tiết về linh kiện  LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7824CQ bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD7824CQ Datasheet HTML 1Page - Analog Devices AD7824CQ Datasheet HTML 2Page - Analog Devices AD7824CQ Datasheet HTML 3Page - Analog Devices AD7824CQ Datasheet HTML 4Page - Analog Devices AD7824CQ Datasheet HTML 5Page - Analog Devices AD7824CQ Datasheet HTML 6Page - Analog Devices AD7824CQ Datasheet HTML 7Page - Analog Devices AD7824CQ Datasheet HTML 8Page - Analog Devices AD7824CQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD7824/AD7828
–4–
REV. F
Operating Temperature Range
Commercial (K, L Versions) . . . . . . . . . . . . . . 0
°C to 70°C
Industrial (B, C Versions) . . . . . . . . . . . . . –40
°C to +85°C
Extended (T, U Versions) . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . 300
°C
Power Dissipation (Any Package) to 75
°C . . . . . . . . . 450 mW
Derates above 75
°C by . . . . . . . . . . . . . . . . . . . . . . 6 mW/°C
*Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C, unless otherwise noted.)
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V, 7 V
Digital Input Voltage to GND
(
RD, CS, A0, A1, and A2) . . . . . . . . . –0.3 V, V
DD + 0.3 V
Digital Output Voltage to GND
(DB0, DB7, RDY, and
INT) . . . . . . . –0.3 V, V
DD + 0.3 V
VREF (+) to GND . . . . . . . . . . . . . . . . . VREF (–), VDD + 0.3 V
VREF (–) to GND . . . . . . . . . . . . . . . . . . . . . . . . 0 V, VREF (+)
Analog Input (Any Channel) . . . . . . . . . . –0.3 V, VDD + 0.3 V
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although AD7824/AD7828 feature proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN CONFIGURATIONS
DIP/SOIC/SSOP
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD7824
NC = NO CONNECT
AIN4
VDD
AIN3
NC
AIN2
A0
AIN1
A1
NC
DB7
DB0
DB6
DB1
DB5
DB2
DB4
DB3
CS
RD
RDY
INT
VREF (+)
GND
VREF (–)
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD7828
NC = NO CONNECT
AIN6
AIN7
AIN5
AIN8
AIN4
VDD
AIN3
A0
AIN2
A1
AIN1
A2
NC
DB7
DB0
DB6
DB1
DB5
DB2
DB4
DB3
CS
RD
RDY
INT
VREF (+)
GND
VREF (–)
WARNING!
ESD SENSITIVE DEVICE
PLCC
25
24
23
22
21
20
19
5
6
7
8
9
10
11
4
3
2
1
28
27
26
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
12 13
14
15
16
17
18
A0
AIN2
NC = NO CONNECT
AD7828
A1
AIN1
A2
NC
DB7
DB0
DB6
DB1
DB5
DB2
DB4
DB3
LCCC
TOP VIEW
(Not to Scale)
28 27
1
2
3
426
25
21
22
23
24
19
20
5
6
7
8
9
10
11
12 13 14 15 16 17 18
AD7828
AIN2
A0
AIN1
A1
NC
A2
DB0
DB7
DB1
DB6
DB2
DB5
DB3
DB4
NC = NO CONNECT
ORDERING GUIDE
Total
Temperature
Unadjusted
Package
Model
Range
Error (LSBs) Option
AD7824KN
0
°C to 70°C
±1
N-24
AD7824LN
0
°C to 70°C
±1/2
N-24
AD7824KR
0
°C to 70°C
±1
R-24
AD7824BQ
–40
°C to +85°C
±1
Q-24
AD7824CQ
–40
°C to +85°C
±1/2
Q-24
AD7824TQ
*
–55
°C to +125°C
±1
Q-24
AD7824UQ
*
–55
°C to +125°C
±1/2
Q-24
AD7828KN
0
°C to 70°C
±1
N-28
AD7828LN
0
°C to 70°C
±1/2
N-28
AD7828KP
0
°C to 70°C
±1
P-28A
AD7828LP
0
°C to 70°C
±1/2
P-28A
AD7828BQ
–40
°C to +85°C
±1
Q-28
AD7828CQ
–40
°C to +85°C
±1/2
Q-28
AD7828BR
–40
°C to +85°C+1
R-28
AD7828LRS
0
°C to 70°C
±1/2
RS-28
AD7828TQ
*
–55
°C to +125°C
±1
Q-28
AD7828UQ
*
–55
°C to +125°C
±1/2
Q-28
AD7828TE
*
–55
°C to +125°C
±1
E-28A
AD7828UE
*
–55
°C to +125°C
±1/2
E-28A
*Available to /883B processing only. Contact our local sales office for military
data sheet. For U.S. Standard Military Drawing (SMD) see DESC Drawing
#5692-88764.


Số phần tương tự - AD7824CQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7824CQ AD-AD7824CQ Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
AD7824CQ AD-AD7824CQ Datasheet
275Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824CQ AD-AD7824CQ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
More results

Mô tả tương tự - AD7824CQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824 AD-AD7824 Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
AD7776 AD-AD7776_02 Datasheet
550Kb / 12P
   LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
REV. A
AD7776 AD-AD7776 Datasheet
220Kb / 12P
   LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
REV. 0
AD7824 AD-AD7824_15 Datasheet
276Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828 AD-AD7828_15 Datasheet
276Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KRZ AD-AD7824KRZ Datasheet
275Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7778 AD-AD7778_15 Datasheet
550Kb / 12P
   LC MOS High Speed 1. 4 and 8 Channel 10 Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com