công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7824KR bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD7824KR
Giải thích chi tiết về linh kiện  LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7824KR bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD7824KR Datasheet HTML 6Page - Analog Devices AD7824KR Datasheet HTML 7Page - Analog Devices AD7824KR Datasheet HTML 8Page - Analog Devices AD7824KR Datasheet HTML 9Page - Analog Devices AD7824KR Datasheet HTML 10Page - Analog Devices AD7824KR Datasheet HTML 11Page - Analog Devices AD7824KR Datasheet HTML 12Page - Analog Devices AD7824KR Datasheet HTML 13Page - Analog Devices AD7824KR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7824/AD7828
–10–
REV. F
MICROPROCESSOR INTERFACING
The AD7824/AD7828 is designed to interface to microprocessors
as Read Only Memory (ROM). Analog channel selection, con-
version start, and data read operations are controlled by
CS, RD,
and the channel address inputs. These signals are common to
all memory peripheral devices.
Z80 MICROPROCESSOR
Figure 16 shows a typical AD7824/AD7828–Z80 interface. The
AD7824/AD7828 is operating in Mode 0. Assume the ADC is
assigned a memory block starting at address C000. The follow-
ing LOAD instruction to any of the addresses listed in Table II
will start a conversion of the selected channel and read the
conversion result.
LD B, (C000)
At the beginning of the instruction cycle when the ADC
address is selected, RDY asserts the WAIT input so that the
Z80 is forced into a WAIT state. At the end of conversion,
RDY returns high and the conversion result is placed in the B
register of the microprocessor.
DATA BUS
ADDRESS BUS
ADDRESS
DECODE
EN
5V
5k
A0
A1
A2
Z80
AD7824*
AD7828*
A15
A0
MREQ
WAIT
RD
D7
D0
CS
RDY
RD
DB7
DB0
A0
A1
A2**
LINEAR CIRCUITRY OMITTED FOR CLARITY.
FOR THE AD7828 ONLY
**
*
Figure 16. AD7824/AD7828–Z80 lnterface
Table II. Address Channel Selection
AD7824
AD7828
Address
Channel
Channel
C000
1
1
C001
2
2
C002
3
3
C003
4
4
C004
5
C005
6
C006
7
C007
8
MC68000 MICROPROCESSOR
Figure 17 shows an MC68000 interface. The AD7824/AD7828
is operating in Mode 0. Assume the ADC is again assigned a
memory block starting at address C000. A MOVE instruction
to any of the addresses in Table II starts a conversion and reads
the conversion result.
MOVE
× B $C000, D0
Once conversion has begun, the MC68000 inserts WAIT states
until INT goes low, asserting DTACK at the end of conversion.
The microprocessor then places the conversion results into the
D0 register.
DATA BUS
ADDRESS BUS
ADDRESS
DECODE
EN
5V
5k
A0
A1
A2
AD7824*
AD7828*
A23
A1
D7
D0
CS
RDY
RD
DB7
DB0
A0
A1
A2**
CLR
D
CK
Q
7474
DTACK
R/
W
AS
MC68000
LINEAR CIRCUITRY OMITTED FOR CLARITY.
FOR THE AD7828 ONLY
**
*
Figure 17. AD7824/AD7828–MC68000 Interface
TMS32010 MICROCOMPUTER
A TMS32010 interface is shown in Figure 18. The AD7824/
AD7828 is operating in Mode 1 (i.e., no
µP WAIT states). The
ADC is mapped at a port address. The following I/O instruction
starts a conversion and reads the previous conversion result into
the accumulator.
IN, A PA (PA = PORT ADDRESS)
The port address (000 to 111) selects the analog channel to be
converted. When conversion is complete, a second I/O instruc-
tion (IN, A PA) reads the up-to-date data into the accumulator
and starts another conversion. A delay of 2.5
µs must be allowed
between conversions.
DATA BUS
A2**
AD7824*
AD7828*
A1
A0
CS
RD
DB7
DB0
PA2
PA1
PA0
MEN
DEN
D7
D0
TMS32010
LINEAR CIRCUITRY OMITTED FOR CLARITY.
FOR THE AD7828 ONLY
**
*
Figure 18. AD7824/AD7828–TMS32010 Interface


Số phần tương tự - AD7824KR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7824KR AD-AD7824KR Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
AD7824KR AD-AD7824KR Datasheet
275Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR AD-AD7824KR Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KRZ AD-AD7824KRZ Datasheet
275Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
More results

Mô tả tương tự - AD7824KR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824 AD-AD7824 Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
AD7776 AD-AD7776_02 Datasheet
550Kb / 12P
   LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
REV. A
AD7776 AD-AD7776 Datasheet
220Kb / 12P
   LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
REV. 0
AD7824 AD-AD7824_15 Datasheet
276Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828 AD-AD7828_15 Datasheet
276Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KRZ AD-AD7824KRZ Datasheet
275Kb / 16P
   LC MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7778 AD-AD7778_15 Datasheet
550Kb / 12P
   LC MOS High Speed 1. 4 and 8 Channel 10 Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com