công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7711AR-REEL bảng dữ liệu(PDF) 4 Page - Analog Devices |
|
AD7711AR-REEL bảng dữ liệu(HTML) 4 Page - Analog Devices |
4 / 28 page ORDERING GUIDE Model Temperature Range Package Option * AD7711AN –40 ∞C to +85∞C N-24 AD7711AR –40 ∞C to +85∞C R-24 AD7711AR-REEL –40 ∞C to +85∞C R-24 AD7711AR-REEL7 –40 ∞C to +85∞C R-24 AD7711AQ –40 ∞C to +85∞CQ-24 AD7711SQ –55 ∞C to +125∞CQ-24 EVAL-AD7711EB Evaluation Board *N = Plastic DIP, Q = CERDIP, R = SOIC. Parameter A, S Versions1 Unit Conditions/Comments POWER REQUIREMENTS Power Supply Voltages AVDD Voltage 16 5 to 10 V nom ±5% for Specified Performance DVDD Voltage 17 5V nom ±5% for Specified Performance AVDD – VSS Voltage 10.5 V max For Specified Performance Power Supply Currents AVDD Current 4 mA max DVDD Current 4.5 mA max VSS Current 1.5 mA max VSS = –5 V Power Supply Rejection 18 Rejection w.r.t. AGND; Assumes VBIAS Is Fixed Positive Supply (AVDD and DVDD) See Note 19 dB typ Negative Supply (VSS)90 dB typ Power Dissipation Normal Mode 45 mW max AVDD = DVDD = +5 V, VSS = 0 V; Typically 25 mW 52.5 mW max AVDD = DVDD = +5 V, VSS = –5 V; Typically 30 mW Standby (Power-Down) Dissipation 15 mW max AVDD = DVDD = +5 V, VSS = 0 V or –5 V; Typically 7 mW NOTES 16The AD7711 is specified with a 10 MHz clock for AV DD voltages of 5 V ± 5%. It is specified with an 8 MHz clock for AVDD voltages greater than 5.25 V and less than 10.5 V. Operating with AVDD voltages in the range 5.25 V to 10.5 V is only guaranteed over the 0 ∞C to 70∞C temperature range. 17The ±5% tolerance on the DVDD input is allowed provided DVDD does not exceed AVDD by more than 0.3 V. 18Measured at dc and applies in the selected pass band. PSRR at 50 Hz will exceed 120 dB with filter notches of 10 Hz, 25 Hz, or 50 Hz. PSRR at 60 Hz will exceed 120 dB with filter notches of 10 Hz, 30 Hz, or 60 Hz. 19PSRR depends on gain: Gain of 1 = 70 dB typ; Gain of 2: 75 dB typ; Gain of 4 = 80 dB typ; Gains of 8 to 128 = 85 dB typ. These numbers can be improved (to 95 dB typ) by deriving the VBIAS voltage (via Zener diode or reference) from the AVDD supply. Specifications subject to change without notice. AD7711–SPECIFICATIONS REF OUT to AGND . . . . . . . . . . . . . . . . . . . . –0.3 V to AVDD Digital Input Voltage to DGND . . . . . –0.3 V to AVDD + 0.3 V Digital Output Voltage to DGND . . . –0.3 V to DVDD + 0.3 V Operating Temperature Range Commercial (A Version) . . . . . . . . . . . . . . . . –40 ∞C to +85∞C Extended (S Version) . . . . . . . . . . . . . . . . . –55 ∞C to +125∞C Storage Temperature Range . . . . . . . . . . . . . –65 ∞C to +150∞C Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . . 300 ∞C Power Dissipation (Any Package) to 75 ∞C . . . . . . . . . . 450 mW *Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of the specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ABSOLUTE MAXIMUM RATINGS * (TA = 25 ∞C, unless otherwise noted.) AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +12 V AVDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +12 V AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +12 V AVDD to DGND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +12 V DVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V VSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –6 V VSS to DGND . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –6 V Analog Input Voltage to AGND . . . . . . . . . . . . . . . . . . . . . . . . . VSS – 0.3 V to AVDD + 0.3 V Reference Input Voltage to AGND . . . . . . . . . . . . . . . . . . . . . . . . . VSS – 0.3 V to AVDD + 0.3 V REV. G –4– CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD7711 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Số phần tương tự - AD7711AR-REEL |
|
Mô tả tương tự - AD7711AR-REEL |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |