công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD630JN bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD630JN
Giải thích chi tiết về linh kiện  Balanced Modulator/Demodulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD630JN bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button AD630JN Datasheet HTML 3Page - Analog Devices AD630JN Datasheet HTML 4Page - Analog Devices AD630JN Datasheet HTML 5Page - Analog Devices AD630JN Datasheet HTML 6Page - Analog Devices AD630JN Datasheet HTML 7Page - Analog Devices AD630JN Datasheet HTML 8Page - Analog Devices AD630JN Datasheet HTML 9Page - Analog Devices AD630JN Datasheet HTML 10Page - Analog Devices AD630JN Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
REV. E
AD630
–6–
TWO WAYS TO LOOK AT THE AD630
The functional block diagram of the AD630 (see page 1) shows
the pin connections of the internal functions. An alternative archi-
tectural diagram is shown in Figure 1. In this diagram, the
individual A and B channel preamps, the switch, and the inte-
grator output amplifier are combined in a single op amp. This
amplifier has two differential input channels, only one of which
is active at a time.
11
15
2
20
19
18
17
8
7
12
14
13
9
10
RA 5k
2.5k
RF
10k
1
16
2.5k
+VS
RB
10k
SEL B
SEL A
B/A
A
B
–VS
Figure 1. Architectural Block Diagram
HOW THE AD630 WORKS
The basic mode of operation of the AD630 may be easier to recog-
nize as two fixed gain stages which can be inserted into the signal
path under the control of a sensitive voltage comparator. When
the circuit is switched between inverting and noninverting gain, it
provides the basic modulation/demodulation function. The AD630
is unique in that it includes laser wafer trimmed thin-film feed-
back resistors on the monolithic chip. The configuration shown in
Figure 2 yields a gain of
±2 and can be easily changed to ±1 by
shifting RB from its ground connection to the output.
The comparator selects one of the two input stages to complete
an operational feedback connection around the AD630. The
deselected input is off and has a negligible effect on the operation.
A
B
RA
5k
RF
10k
VO
RB
10k
Vi
2
20
19
18
13
15
16
14
9
10
Figure 2. AD630 Symmetric Gain (
±2)
When Channel B is selected, the resistors RA and RF are
connected for inverting feedback as shown in the inverting
gain configuration diagram in Figure 3. The amplifier has suffi-
cient loop gain to minimize the loading effect of RB at the
virtual ground produced by the feedback connection. When the
sign of the comparator input is reversed, Input B will be dese-
lected and A will be selected. The new equivalent circuit will be
the noninverting gain configuration shown in Figure 4. In this
case, RA will appear across the op amp input terminals, but since
the amplifier drives this difference voltage to zero, the closed-loop
gain is unaffected.
The two closed-loop gain magnitudes will be equal when RF/RA
= 1 + RF/RB, which will result from making RA equal to RFRB/
(RF + RB) the parallel equivalent resistance of RF and RB.
The 5 k
Ω and the two 10 kΩ resistors on the AD630 chip can
be used to make a gain of 2 as shown below. By paralleling
the 10 k
Ω resistors to make R
F equal to 5 k
Ω and omitting R
B,
the circuit can be programmed for a gain of
± 1 (as shown in
Figure 9a). These and other configurations using the on-chip
resistors present the inverting inputs with a 2.5 k
Ω source imped-
ance. The more complete AD630 diagrams show 2.5 k
Ω resistors
available at the noninverting inputs which can be conveniently
used to minimize errors resulting from input bias currents.
RA
5k
RF 10k
RB
10k
Vi
VO = –
RF
RA
Vi
Figure 3. Inverting Gain Configuration
RA
5k
RF
10k
RB
10k
Vi
VO = (1+
RF
RB
) Vi
Figure 4. Noninverting Gain Configuration
CIRCUIT DESCRIPTION
The simplified schematic of the AD630 is shown in Figure 5.
It has been subdivided into three major sections, the comparator,
the two input stages, and the output integrator. The compara-
tor consists of a front end made up of Q52 and Q53, a flip-flop
load formed by Q3 and Q4, and two current steering switching
cells Q28, Q29 and Q30, Q31. This structure is designed so that
a differential input voltage greater than 1.5 mV in magnitude
applied to the comparator inputs will completely select one of
the switching cells. The sign of this input voltage determines
which of the two switching cells is selected.
20
11
3
4
5
6
19
2
18
13
12
SEL A
SEL B
DIFF
OFF ADJ
DIFF
OFF ADJ
CM
OFF ADJ
CM
OFF ADJ
COMP
Q74
Q44
CH B–
CH B+
CH A+
CH A–
i55
Q4
Q3
Q28
Q31
Q30
Q32
C122
C121
i22
i23
–VS
VOUT
i73
Q52
Q53
+VS
Q65
Q34
Q33
Q62
Q35
Q36
Q67
Q70
Q25
Q24
Q29
10
9
8
Figure 5. AD630 Simplified Schematic


Số phần tương tự - AD630JN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD630JN AD-AD630JN Datasheet
288Kb / 8P
   Balanced Modulator/Demodulator
REV. C
AD630JN AD-AD630JN Datasheet
318Kb / 12P
   Balanced Modulator/Demodulator
REV. E
AD630JN AD-AD630JN Datasheet
488Kb / 13P
   Balanced Modulator/Demodulator
REV. E
AD630JN AD-AD630JN Datasheet
488Kb / 13P
   Balanced Modulator/Demodulator
REV. E
logo
List of Unclassifed Man...
AD630JN ETC2-AD630JN Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Mô tả tương tự - AD630JN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD630KNZ AD-AD630KNZ Datasheet
488Kb / 13P
   Balanced Modulator/Demodulator
REV. E
AD630 AD-AD630_04 Datasheet
318Kb / 12P
   Balanced Modulator/Demodulator
REV. E
AD630 AD-AD630_V01 Datasheet
570Kb / 20P
   Balanced Modulator/Demodulator
Rev. G
logo
National Semiconductor ...
LM1596 NSC-LM1596 Datasheet
164Kb / 8P
   Balanced Modulator-Demodulator
logo
Analog Devices
AD630ADZ AD-AD630ADZ Datasheet
488Kb / 13P
   Balanced Modulator/Demodulator
REV. E
AD630 AD-AD630 Datasheet
288Kb / 8P
   Balanced Modulator/Demodulator
REV. C
AD630 AD-AD630_15 Datasheet
519Kb / 13P
   Balanced Modulator/Demodulator
REV. E
logo
New Japan Radio
NJM1496 NJRC-NJM1496 Datasheet
191Kb / 6P
   DOUBLE BALANCED MODULATOR-DEMODULATOR
logo
NTE Electronics
NTE973D NTE-NTE973D Datasheet
27Kb / 4P
   Integrated Circuit Double Balanced Modulator/Demodulator
logo
RF Micro Devices
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com