công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD2S82AJPZ bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD2S82AJPZ
Giải thích chi tiết về linh kiện  Variable Resolution, Monolithic Resolver-to-Digital Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD2S82AJPZ bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD2S82AJPZ Datasheet HTML 1Page - Analog Devices AD2S82AJPZ Datasheet HTML 2Page - Analog Devices AD2S82AJPZ Datasheet HTML 3Page - Analog Devices AD2S82AJPZ Datasheet HTML 4Page - Analog Devices AD2S82AJPZ Datasheet HTML 5Page - Analog Devices AD2S82AJPZ Datasheet HTML 6Page - Analog Devices AD2S82AJPZ Datasheet HTML 7Page - Analog Devices AD2S82AJPZ Datasheet HTML 8Page - Analog Devices AD2S82AJPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD2S81A
AD2S82A
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
RATIO MULTIPLIER
AC Error Output Scaling
10 Bit
177.6
mV/Bit
12 Bit
44.4
44.4
mV/Bit
14 Bit
11.1
mV/Bit
16 Bit
2.775
mV/Bit
PHASE SENSITIVE DETECTOR
Output Offset Voltage
12
12
mV
Gain
In Phase
w.r.t. REF
–0.882
–0.9
–0.918
–0.882
–0.9
–0.918
V rms/V dc
In Quadrature
w.r.t. REF
0.04
0.04
V rms/V dc
Input Bias Current
60
150
60
150
nA
Input Impedance
1
1
M
Input Voltage
±8
±8V
INTEGRATOR
Open-Loop Gain
At 10 kHz
57
63
57
63
dB
Dead Zone Current (Hysteresis)
100
100
nA/LSB
Input Offset Voltage
1
5
1
5
mV
Input Bias Current
60
150
60
150
nA
Output Voltage Range
±V
S = ± 10.8 V dc
±7V
VCO
±V
S = ± 12 V dc
Maximum Rate
1.0
1.1
1.0
1.1
MHz
VCO Rate
Positive DIR
7.1
7.9
8.7
7.1
7.9
8.7
kHz/
µA
Negative DIR
7.1
7.9
8.7
7.1
7.9
8.7
kHz/
µA
VCO Power Supply Sensitivity
Increase
+VS
+0.5
+0.5
%/V
–VS
–8.0
–8.0
%/V
Decrease
+VS
–8.0
–8.0
%/V
–VS
+2.0
+2.0
%/V
Input Offset Voltage
1
5
1
5
mV
Input Bias Current
70
380
70
380
nA
Input Bias Current Tempco
–1.22
–1.22
nA/
°C
Input Voltage Range
±8
±8V
Linearity of Absolute Rate
Full Range
<2
<2
% FSD
Over 0% to 50% of Full Range
<1
<1
% FSD
Reversion Error
1.5
1.5
% FSD
Sensitivity of Reversion Error
±8
±8
%/V of
to Symmetry of Power Supplies
Asymmetry
VCO Output1, 2
±2.7
±3.0
±3.3
V/LSB
POWER SUPPLIES
Voltage Levels
+VS
+10.8
+13.2
+10.8
+13.2
V
–VS
–10.8
–13.2
–10.8
–13.2
V
+VL
+5
+13.2
+5
+13.2
V
Current
+IS
±V
S @
±12 V
12
23
12
23
mA
+IS
±V
S @
±13.2 V
19
30
19
30
mA
+IL
±V
L @
±5.0 V
0.5
1.5
0.5
1.5
mA
NOTES
1The VCO output swings between
±3 V depending on the resolver direction.
2AD2S82A only.
Specifications in boldface are tested on all production units at final electrical test.
Specifications subject to change without notice.
(typical @ +25 C unless otherwise noted)
AD2S81A/AD2S82A–SPECIFICATIONS
ESD SENSITIVITY
The AD2S81A and AD2S82A features an input protection circuit consisting of large “distributed”
diodes and polysilicon series resistors to dissipate both high energy discharge (Human Body Model)
and fast, low energy pulses (Charges Device Model).
The AD2S81A and AD2S82A is ESD protection Class II (2000 V min). Proper ESD precautions are
strongly recommended to avoid functional damage or performance degradation. For further informa-
tion on ESD precautions, refer to Analog Devices ESD Prevention Manual.
–4–
REV. B
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Operating
Temperature
Package
Accuracy
Ranges
Options*
AD2S81AJD
30 arc min
0
°C to +70°C
D-28
AD2S82AHP
22 arc min
–40
°C to +85°C
P-44A
AD2S82AJP
8 arc min
–40
°C to +85°C
P-44A
AD2S82AKP
4 arc min
–40
°C to +85°C
P-44A
AD2S82ALP
2 arc min
–40
°C to +85°C
P-44A
*D = Ceramic DIP Package; P = Plastic Leaded Chip Carrier (PLCC) Package.


Số phần tương tự - AD2S82AJPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD2S82AJP AD-AD2S82AJP Datasheet
207Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
More results

Mô tả tương tự - AD2S82AJPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD2S82A AD-AD2S82A_15 Datasheet
198Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S81A AD-AD2S81A Datasheet
207Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S81A AD-AD2S81A_15 Datasheet
198Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converters
REV. B
AD2S80ATDB AD-AD2S80ATDB Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A_00 Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A Datasheet
268Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. A
AD2S80A AD-AD2S80A_17 Datasheet
447Kb / 19P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
AD2S82AHPZ AD-AD2S82AHPZ Datasheet
188Kb / 16P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80A AD-AD2S80A_15 Datasheet
356Kb / 20P
   Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. C
AD2S83 AD-AD2S83_17 Datasheet
220Kb / 20P
   Variable Resolution, Resolver-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com