công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP3309ART-3.3-RL7 bảng dữ liệu(PDF) 4 Page - Analog Devices |
|
ADP3309ART-3.3-RL7 bảng dữ liệu(HTML) 4 Page - Analog Devices |
4 / 12 page ADP3309 Rev. C | Page 4 of 12 ABSOLUTE MAXIMUM RATINGS Table 2. Parameter Rating Input Supply Voltage −0.3 V to +16 V Shutdown Input Voltage −0.3 V to +16 V Power Dissipation Internally Limited Operating Ambient Temperature Range −55°C to +125°C Operating Junction Temperature Range −55°C to +125°C θJA 190°C/W θJC 92°C/W Storage Temperature Range −65°C to +150°C Lead Temperature (Soldering 10 sec) 300°C Vapor Phase (60 sec) 215°C Infrared (15 sec) 220°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Số phần tương tự - ADP3309ART-3.3-RL7 |
|
Mô tả tương tự - ADP3309ART-3.3-RL7 |