công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9912ABCPZ-REEL7 bảng dữ liệu(PDF) 6 Page - Analog Devices |
|
AD9912ABCPZ-REEL7 bảng dữ liệu(HTML) 6 Page - Analog Devices |
6 / 40 page AD9912 Rev. F | Page 6 of 40 AC SPECIFICATIONS fS = 1 GHz, DAC RSET = 10 kΩ, unless otherwise noted. Power supply pins within the range specified in the DC Specifications section. Table 2. Parameter Min Typ Max Unit Test Conditions/Comments FDBK_IN INPUT Pin 40, Pin 41 Input Frequency Range 10 400 MHz Minimum Differential Input Level 225 mV p-p −12 dBm into 50 Ω; must be ac-coupled 40 V/μs SYSTEM CLOCK INPUT Pin 27, Pin 28 SYSCLK PLL Bypassed Input Frequency Range 250 1000 MHz Maximum fOUT is 0.4 × fSYSCLK Duty Cycle 45 55 % Minimum Differential Input Level 632 mV p-p Equivalent to 316 mV swing on each leg SYSCLK PLL Enabled VCO Frequency Range, Low Band 700 810 MHz When in the range, use the low VCO band exclusively VCO Frequency Range, Auto Band 810 900 MHz When in the range, use the VCO auto band select VCO Frequency Range, High Band 900 1000 MHz When in the range, use the high VCO band exclusively Maximum Input Rate of System Clock PFD 200 MHz Without SYSCLK PLL Doubler Input Frequency Range 11 200 MHz Multiplication Range 4 66 Integer multiples of 2, maximum PFD rate and system clock frequency must be met Minimum Differential Input Level 632 mV p-p Equivalent to 316 mV swing on each leg With SYSCLK PLL Doubler Input Frequency Range 6 100 MHz Multiplication Range 8 132 Integer multiples of 8 Input Duty Cycle 50 % Deviating from 50% duty cycle may adversely affect spurious performance Minimum Differential Input Level 632 mV p-p Equivalent to 316 mV swing on each leg Crystal Resonator with SYSCLK PLL Enabled Crystal Resonator Frequency Range 10 50 MHz AT cut, fundamental mode resonator Maximum Crystal Motional Resistance 100 Ω See the SYSCLK Inputs section for recommendations CLOCK DRIVERS HSTL Output Driver Frequency Range 20 725 MHz See Figure 27 for maximum toggle rate Duty Cycle 48 52 % Rise Time/Fall Time (20% to 80%) 115 165 ps 100 Ω termination across OUT/OUTB, 2 pF load Jitter (12 kHz to 20 MHz) 1.5 ps fOUT = 155.52 MHz, 50 MHz system clock input (see Figure 12 through Figure 14 for test conditions) HSTL Output Driver with 2× Multiplier Frequency Range 400 725 MHz Duty Cycle 45 55 % Rise Time/Fall Time (20% to 80%) 115 165 ps 100 Ω termination across OUT/OUTB, 2 pF load Subharmonic Spur Level −35 dBc Without correction Jitter (12 kHz to 20 MHz) 1.6 ps fOUT = 622.08 MHz, 50 MHz system clock input (see Figure 15 for test conditions) CMOS Output Driver (AVDD3/Pin 37) @ 3.3 V Frequency Range 0.008 150 MHz See Figure 29 for maximum toggle rate; the S-divider should be used for low frequencies because the FDBK_IN minimum frequency is 10 MHz Duty Cycle 45 55 65 % With 20 pF load and up to 150 MHz Rise Time/Fall Time (20% to 80%) 3 4.6 ns With 20 pF load |
Số phần tương tự - AD9912ABCPZ-REEL7 |
|
Mô tả tương tự - AD9912ABCPZ-REEL7 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |