công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1580BKSZ-REEL7 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD1580BKSZ-REEL7
Giải thích chi tiết về linh kiện  1.2 V Micropower, Precision Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1580BKSZ-REEL7 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD1580BKSZ-REEL7 Datasheet HTML 4Page - Analog Devices AD1580BKSZ-REEL7 Datasheet HTML 5Page - Analog Devices AD1580BKSZ-REEL7 Datasheet HTML 6Page - Analog Devices AD1580BKSZ-REEL7 Datasheet HTML 7Page - Analog Devices AD1580BKSZ-REEL7 Datasheet HTML 8Page - Analog Devices AD1580BKSZ-REEL7 Datasheet HTML 9Page - Analog Devices AD1580BKSZ-REEL7 Datasheet HTML 10Page - Analog Devices AD1580BKSZ-REEL7 Datasheet HTML 11Page - Analog Devices AD1580BKSZ-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD1580
Rev. F | Page 8 of 12
NOISE PERFORMANCE AND REDUCTION
The noise generated by the AD1580 is typically less than
5 µV p-p over the 0.1 Hz to 10 Hz band. Figure 17 shows the
0.1 Hz to 10 Hz noise of a typical AD1580. Noise in a 10 Hz to
10 kHz bandwidth is approximately 20 μV rms (see Figure 18a).
If further noise reduction is desired, a 1-pole low-pass filter can
be added between the output pin and ground. A time constant
of 0.2 ms has a −3 dB point at about 800 Hz and reduces the
high frequency noise to about 6.5 μV rms (see Figure 18b).
A time constant of 960 ms has a −3 dB point at 165 Hz and
reduces the high frequency noise to about 2.9 μV rms (see
Figure 18c).
1s/DIV
1µV/DIV
4.5µV p-p
Figure 17. 0.1 Hz to 10 Hz Voltage Noise
40µV/DIV
21µV rms
20µV/DIV
10µV/DIV
10ms/DIV
6.5µV rms,
τ = 0.2ms
(a)
(b)
(c)
2.90µV rms,
τ = 960ms
Figure 18. Total RMS Noise
TURN-ON TIME
Many low power instrument manufacturers are becoming
increasingly concerned with the turn-on characteristics of
components being used in their systems. Fast turn-on compo-
nents often enable the end user to keep power off when not
needed, and yet those components respond quickly when
the power is turned on for operation. Figure 19 displays the
turn-on characteristic of the AD1580.
Upon application of power (cold start), the time required for
the output voltage to reach its final value within a specified
error is the turn-on settling time. Two components normally
associated with this are time for active circuits to settle and time
for thermal gradients on the chip to stabilize. This characteristic
is generated from cold start operation and represents the true
turn-on waveform after power-up. Figure 21 shows both the
coarse and fine turn-on settling characteristics of the device;
the total settling time to within 1.0 mV is about 6 µs, and there
is no long thermal tail when the horizontal scale is expanded to
2 ms/div.
250mV/DIV
5µs/DIV
CL = 200pF
VIN
0V
2.4V
Figure 19. Turn-On Response Time
+
RS = 11.5kΩ
RL
CL
VOUT
VR
VIN
Figure 20. Turn-On, Settling, and Transient Test Circuit
Output turn-on time is modified when an external noise
reduction filter is used. When present, the time constant
of the filter dominates overall settling.
0V
VIN
2.4V
OUTPUT ERROR
1mV/DIV, 2µs/DIV
OUTPUT
0.5mV/DIV, 2ms/DIV
Figure 21. Turn-On Settling


Số phần tương tự - AD1580BKSZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1580BKSZ-REEL7 AD-AD1580BKSZ-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision
Rev. F
AD1580BKSZ-REEL7 AD-AD1580BKSZ-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BKSZ-REEL7 AD-AD1580BKSZ-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BKSZ-REEL7 AD-AD1580BKSZ-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
More results

Mô tả tương tự - AD1580BKSZ-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR1581 AD-ADR1581_15 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581 AD-ADR1581 Datasheet
524Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581BRTZ-REEL7 AD-ADR1581BRTZ-REEL7 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com