công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD713 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD713
Giải thích chi tiết về linh kiện  Precision, High Speed, BiFET Quad Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD713 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD713 Datasheet HTML 1Page - Analog Devices AD713 Datasheet HTML 2Page - Analog Devices AD713 Datasheet HTML 3Page - Analog Devices AD713 Datasheet HTML 4Page - Analog Devices AD713 Datasheet HTML 5Page - Analog Devices AD713 Datasheet HTML 6Page - Analog Devices AD713 Datasheet HTML 7Page - Analog Devices AD713 Datasheet HTML 8Page - Analog Devices AD713 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Precision, High Speed, BiFET Quad Op Amp
AD713
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2011 Analog Devices, Inc. All rights reserved.
FEATURES
AC performance
1 μs settling to 0.01% for 10 V step
20 V/μs slew rate
0.0003% total harmonic distortion (THD)
4 MHz unity gain bandwidth
DC performance
1.5 mV maximum offset voltage
8 μV/°C typical drift
150 V/mV minimum open-loop gain
2 μV p-p typical noise, 0.1 Hz to 10 Hz
True 14-bit accuracy
Single version: AD711, dual version: AD712
Available in 16-lead SOIC, 14-lead PDIP and CERDIP
APPLICATIONS
Active filters
Quad output buffers for 12- and 14-bit DACs
Input buffers for precision ADCs
Photo diode preamplifier applications
CONNECTION DIAGRAMS
AD713
TOP VIEW
(Not to Scale)
1
2
3
4
OUTPUT
14
–IN
13
+IN
12
–VS
11
5
+IN
10
6
–IN
9
7
OUTPUT
OUTPUT
–IN
+IN
+VS
+IN
–IN
OUTPUT
8
4
1
3
2
Figure 1. 14-Lead PDIP (N) and CERDIP (Q) Packages
NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
OUTPUT 1
–IN 2
+IN 3
+VS 4
OUTPUT
16
–IN
15
+IN
14
–VS
13
+IN 5
+IN
12
–IN 6
–IN
11
OUTPUT 7
OUTPUT
10
NC 8
NC
9
4
1
3
2
AD713
TOP VIEW
(Not to Scale)
Figure 2. 16-Lead SOIC_W (RW) Package
GENERAL DESCRIPTION
The AD713 is a quad operational amplifier, consisting of four
AD711 BiFET op amps. These precision monolithic op amps
offer excellent dc characteristics plus rapid settling times, high
slew rates, and ample bandwidths. In addition, the AD713 provides
the close matching ac and dc characteristics inherent to amplifiers
sharing the same monolithic die. The single-pole response of
the AD713 provides fast settling: l μs to 0.01%. This feature,
combined with its high dc precision, makes the AD713 suitable
for use as a buffer amplifier for 12- or 14-bit DACs and ADCs.
It is also an excellent choice for use in active filters in 12-, 14-
and 16-bit data acquisition systems. Furthermore, the AD713
low total harmonic distortion (THD) level of 0.0003% and very
close matching ac characteristics make it an ideal amplifier for
many demanding audio applications. The AD713 is internally
compensated for stable operation at unity gain. The AD713J is
rated over the commercial temperature range of 0°C to 70°C.
The AD713A is rated over the industrial temperature of −40°C
to +85°C.
The AD713 is offered in 16-lead SOIC, 14-lead PDIP, and
14-lead CERDIP packages.
PRODUCT HIGHLIGHTS
1.
The AD713 is a high speed BiFET op amp that offers
excellent performance at competitive prices. It upgrades
the performance of circuits using op amps such as the
TL074, TL084, LT1058, LF347, and OPA404.
2.
Slew rate is 100% tested for a guaranteed minimum of
16 V/μs (J and A grades).
3.
The combination of Analog Devices, Inc., advanced
processing technology, laser wafer drift trimming, and
well-matched ion-implanted JFETs provides outstanding
dc precision. Input offset voltage, input bias current and
input offset current are specified in the warmed-up
condition and are 100% tested.
4.
Very close matching of ac characteristics between the four
amplifiers makes the AD713 ideal for high quality active
filter applications.


Số phần tương tự - AD713

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD713 AD-AD713 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
AD7134 AD-AD7134 Datasheet
3Mb / 34P
   36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
More results

Mô tả tương tự - AD713

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD713 AD-AD713_17 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
AD713JR AD-AD713JR Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JRZ16 AD-AD713JRZ16 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713_15 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713_11 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com