công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD624AD bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD624AD
Giải thích chi tiết về linh kiện  Precision Instrumentation Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD624AD bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD624AD Datasheet HTML 1Page - Analog Devices AD624AD Datasheet HTML 2Page - Analog Devices AD624AD Datasheet HTML 3Page - Analog Devices AD624AD Datasheet HTML 4Page - Analog Devices AD624AD Datasheet HTML 5Page - Analog Devices AD624AD Datasheet HTML 6Page - Analog Devices AD624AD Datasheet HTML 7Page - Analog Devices AD624AD Datasheet HTML 8Page - Analog Devices AD624AD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
REV. C
–3–
AD624
Model
AD624A
AD624B
AD624C
AD624S
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
REFERENCE INPUT
RIN
16
20
24
16
20
24
16
20
24
16
20
24
k
IIN
30
30
30
30
µA
Voltage Range
±10
±10
±10
±10
V
Gain to Output
1
1
1
1
%
TEMPERATURE RANGE
Specified Performance
–25
+85
–25
+85
–25
+85
–55
+125
°C
Storage
–65
+150
–65
+150
–65
+150
–65
+150
°C
POWER SUPPLY
Power Supply Range
6
15
18
6
15
18
6
15
18
6
15
18
V
Quiescent Current
3.5
5
3.5
5
3.5
5
3.5
5
mA
NOTES
1V
DL is the maximum differential input voltage at G = 1 for specified nonlinearity, V DL at other gains = 10 V/G. VD = actual differential input voltage.
1Example: G = 10, V
D = 0.50. VCM = 12 V – (10/2
× 0.50 V) = 9.5 V.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production unit at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . 420 mW
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . .
±VS
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
AD624A/B/C . . . . . . . . . . . . . . . . . . . . . . . –25
°C to +85°C
AD624S . . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature (Soldering, 60 secs) . . . . . . . . . . . . +300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CONNECTION DIAGRAM
–INPUT
+INPUT
RG1
OUTPUT NULL
INPUT NULL
REF
–VS
G = 200
G = 500
SENSE
RG2
INPUT NULL
OUTPUT NULL
G = 100
+VS
OUTPUT
1
2
5
6
7
3
4
8
16
15
12
11
10
14
13
9
TOP VIEW
(Not to Scale)
AD624
SHORT TO
RG2 FOR
DESIRED
GAIN
FOR GAINS OF 1000 SHORT RG1 TO PIN 12
AND PINS 11 AND 13 TO RG2
METALIZATION PHOTOGRAPH
Contact factory for latest dimensions
Dimensions shown in inches and (mm).
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD624AD
–25
°C to +85°C 16-Lead Ceramic DIP D-16
AD624BD
–25
°C to +85°C 16-Lead Ceramic DIP D-16
AD624CD
–25
°C to +85°C 16-Lead Ceramic DIP D-16
AD624SD
–55
°C to +125°C 16-Lead Ceramic DIP D-16
AD624SD/883B* –55
°C to +125°C 16-Lead Ceramic DIP D-16
AD624AChips
–25
°C to +85°CDie
AD624SChips
–25
°C to +85°CDie
*See Analog Devices’ military data sheet for 883B specifications.


Số phần tương tự - AD624AD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD624AD AD-AD624AD Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
More results

Mô tả tương tự - AD624AD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com