công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD1607-B140LLF bảng dữ liệu(PDF) 1 Page - Bourns Electronic Solutions

tên linh kiện CD1607-B140LLF
Giải thích chi tiết về linh kiện  CD1607-B120 ~ B140L Schottky Barrier Rectifier Chip Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOURNS [Bourns Electronic Solutions]
Trang chủ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1607-B140LLF bảng dữ liệu(HTML) 1 Page - Bourns Electronic Solutions

  CD1607-B140LLF Datasheet HTML 1Page - Bourns Electronic Solutions CD1607-B140LLF Datasheet HTML 2Page - Bourns Electronic Solutions CD1607-B140LLF Datasheet HTML 3Page - Bourns Electronic Solutions CD1607-B140LLF Datasheet HTML 4Page - Bourns Electronic Solutions CD1607-B140LLF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CD1607-B120 ~ B140L Schottky Barrier Rectifier Chip Diode
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
Lead free
RoHS compliant*
Low profile package
Surface mount
Very low forward voltage drop
Applications
Cellular phones
PDAs
Desktop PCs and notebooks
Digital cameras
MP3 players
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly
smaller electronic components.
Bourns offers Schottky Rectifier Diodes for rectification applications, in compact chip package 1607 (Mini-SMA) size format, which offer PCB
real estate savings and are considerably smaller than competitive parts. The Schottky Rectifier Diodes offer a forward current of 1 A with a
choice of repetitive peak reverse voltage of 20 V up to 40 V.
Bourns® Chip Diodes conform to JEDEC standards, easy to handle on standard pick and place equipment and their flat configuration makes
roll away much more difficult.
Parameter
Symbol
CD1607-
Unit
B120
B120L
B140
B140L
Forward Voltage (Max.)
VF
0.5
0.38
0.5
0.4
V
(If = 1 A)
Typical Junction
CT
110
100
110
110
pF
Capacitance*
Reverse Current (Max.)
IR
0.5
1.0
0.5
1.0
mA
at Rated VR)
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
How To Order
CD 1607 - B 1 20 L LF
Common Code
Chip Diode
Package
• 1607 = Mini-SMA
Model
B = Schottky Barrier Series
Average Forward Current (Io) Code
1 = 1 A (Code x 1000 mA = Average Forward Current)
Reverse Voltage (VR) Code
20 = 20 V
40 = 40 V
Forward Voltage Suffix
L = Low Forward Voltage Vf (CD1607-B120L, CD1607-B140L)
Terminations
LF = 100 % Sn (lead free)
Reliable Electronic Solutions
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
Absolute Ratings (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD1607-
Unit
B120
B120L
B140
B140L
Repetitive Peak
VRRM
20
20
40
40
V
Reverse Voltage
Reverse Voltage
VR
20
20
40
40
V
Maximum RMS Voltage
VRMS
14
14
28
28
V
Avg. Forward Current
IO
1A
Forward Current,
Surge Peak
Isurge
30*
A
(60 Hz, 1 cycle)
Typical Thermal
RθJL
20
°C/W
Resistance**
Storage Temperature
TSTG
-55 to +150
°C
Junction Temperature
TJ
-55 to +125
°C
* Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
** Thermal resistance junction to lead.
* Condition: 8.3 ms single half sine-wave superimposed on rate load
(JEDEC method).
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex


Số phần tương tự - CD1607-B140LLF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bourns Electronic Solut...
CD1607-B140LLF BOURNS-CD1607-B140LLF Datasheet
287Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B140LLF BOURNS-CD1607-B140LLF Datasheet
745Kb / 5P
   Schottky Barrier Rectifier Chip Diode
More results

Mô tả tương tự - CD1607-B140LLF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bourns Electronic Solut...
CD1607-B140LF BOURNS-CD1607-B140LF Datasheet
272Kb / 5P
   CD1607-B120 ~ B140L Schottky Barrier Rectifier Chip Diode
CD214B-B120 BOURNS-CD214B-B120 Datasheet
345Kb / 4P
   CD214B-B120 ~ B160 Schottky Barrier Rectifier Chip Diode
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B120 BOURNS-CD214A-B120 Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220 BOURNS-CD214A-B220 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B2XR BOURNS-CD214A-B2XR Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B3XR BOURNS-CD214A-B3XR Datasheet
553Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B320 BOURNS-CD214A-B320 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com