công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2-111623-9 bảng dữ liệu(PDF) 6 Page - Tyco Electronics

tên linh kiện 2-111623-9
Giải thích chi tiết về linh kiện  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111623-9 bảng dữ liệu(HTML) 6 Page - Tyco Electronics

Back Button 2-111623-9 Datasheet HTML 2Page - Tyco Electronics 2-111623-9 Datasheet HTML 3Page - Tyco Electronics 2-111623-9 Datasheet HTML 4Page - Tyco Electronics 2-111623-9 Datasheet HTML 5Page - Tyco Electronics 2-111623-9 Datasheet HTML 6Page - Tyco Electronics 2-111623-9 Datasheet HTML 7Page - Tyco Electronics 2-111623-9 Datasheet HTML 8Page - Tyco Electronics 2-111623-9 Datasheet HTML 9Page - Tyco Electronics 2-111623-9 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
6
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Table of Contents
Ribbon Cable Interconnect Solutions
Ribbon Cable Connector Selection Guide . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2, 3
.025 [0.64] Centerline Ribbon Cable Connectors
System 50 Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8-12
Cable-to-Board Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8, 9, 12
Board-to-Board Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10, 11
Ultra ATA Bus Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13-15
.039 [1.00] Centerline Ribbon Cable Connectors
2 mm [.079] Receptacle Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16, 17
AMPMODU 50/50 Grid Connector System
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Board-to-Board Vertical Receptacles and Headers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Board-to-Board Vertical Receptacles, Double Row, .050 x .050
[1.27 x 1.27] Centers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Board-to-Board Vertical Headers, Double Row, .050 x .050 [1.27 x 1.27] Centers . . . 21
Recommended PC Board Layouts for Vertical Connectors . . . . . . . . . . . . . . . . . . . . . 22
Board-to-Board Right-Angle Headers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Board-to-Board Right-Angle Headers, Double Row, .050 x .050 [1.27 x 1.27]
Centers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Cable-to-Board Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Cable-to-Board Receptacle Connectors, Double Row, .050 x .050 [1.27 x 1.27]
Centers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Terminating Covers for Cable Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Application Tooling for Cable Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Performance Specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Technical Documents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Micro-MaTch Connector System
Miniature Connector System . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
System Overview/Technical Data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Applications (3 Dimensions) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Applications (2 Dimensions) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Female-on-Board Connector, Top Entry . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Female-on-Board Connector, Side Entry . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Female-on-Board Connector Surface Mount Device (SMD)
. . . . . . . . . . . . . . . . . . . . . 36
Male-on-Board Connector
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Male-on-Wire Connector
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Paddle Board Connector
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Crimp On Snap In (COSI) Connector . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Specials
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Application Tooling
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42, 43
Lead Assembly and Sample Box . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
.050 [1.27] Centerline Ribbon Cable Connectors
Universal I/O Pin Connectors without Mounting Ears . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Universal I/O Pin Connectors with Slotted Mounting Ears . . . . . . . . . . . . . . . . . . . . . . . 46
EUROLATCH Receptacles 64-Position (Three-Row Housings, Two Rows Loaded) . . . . 47
Novo Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48-51
Military Polarized, .100 x .100 [2.54 x 2.54] Centers . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Center and Military Polarized, .100 x .100 [2.54 x 2.54] Centers . . . . . . . . . . . . . . . . . 50
Dual Polarized, .100 x .100 [2.54 x 2.54] Centers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
Female Socket Connectors, .100 x .100 [2.54 x 2.54] Centers, 622 and 636 Series . . . 52, 53
Female Socket Connectors, .100 x .100 [2.54 x 2.54] Centers, 609 Series . . . . . . . . . 54, 55
DIP Plugs, .100 x .100 [2.54 x 2.54] Centers, 609 Series . . . . . . . . . . . . . . . . . . . . . . . . 56
DIP Plugs, .100 x .100 [2.54 x 2.54] Centers, 622 Series . . . . . . . . . . . . . . . . . . . . . . . . 57


Số phần tương tự - 2-111623-9

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
2-111623-9 MACOM-2-111623-9 Datasheet
204Kb / 1P
   RECEPTACLE ASSY, POLARIZED
2-111623-9 MACOM-2-111623-9 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
2-111623-9 MACOM-2-111623-9 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Mô tả tương tự - 2-111623-9

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
1-5102154-0 MACOM-1-5102154-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com