công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC79L15ABPRPG bảng dữ liệu(PDF) 4 Page - ON Semiconductor |
|
MC79L15ABPRPG bảng dữ liệu(HTML) 4 Page - ON Semiconductor |
4 / 11 page MC79L00A Series http://onsemi.com 4 ELECTRICAL CHARACTERISTICS (VI = −27 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, −40°C < TJ +125°C (for MC79LXXAB), 0°C < TJ < +125°C (for MC79LXXAC), unless otherwise noted). MC79L18AC Characteristics Symbol Min Typ Max Unit Output Voltage (TJ = +25°C) VO −17.3 −18 −18.7 Vdc Input Regulation (TJ = +25°C) −20.7 Vdc ≥ VI ≥ −33 Vdc −21.4 Vdc ≥ VI ≥ −33 Vdc −22 Vdc ≥ VI ≥ −33 Vdc −21 Vdc ≥ VI ≥ −33 Vdc Regline − − − − − − − − 325 − − 275 mV Load Regulation TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA 1.0 mA ≤ IO ≤ 40 mA Regload − − − − 170 85 mV Output Voltage −20.7 Vdc ≥ VI ≥ −33 Vdc, 1.0 mA ≤ IO ≤ 40 mA −21.4 Vdc ≥ VI ≥ −33 Vdc, 1.0 mA ≤ IO ≤ 40 mA VI = −27 Vdc, 1.0 mA ≤ IO ≤ 70 mA VO −17.1 − −17.1 − − − −18.9 − −18.9 Vdc Input Bias Current (TJ = +25°C) (TJ = +125°C) IIB − − − − 6.5 6.0 mA Input Bias Current Change −21 Vdc ≥ VI ≥ −33 Vdc −27 Vdc ≥ VI ≥ −33 Vdc 1.0 mA ≤ IO ≤ 40 mA IIB − − − − − − 1.5 − 0.1 mA Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz) Vn − 150 − mV Ripple Rejection (−23 ≤ VI ≤ −33 Vdc, f = 120 Hz, TJ = +25°C) RR 33 48 − dB Dropout Voltage IO = 40 mA, TJ = +25°C |VI−VO| − 1.7 − Vdc ELECTRICAL CHARACTERISTICS (VI = −33 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, −40°C < TJ +125°C (for MC79LXXAB), 0°C < TJ < +125°C (for MC79LXXAC), unless otherwise noted). MC79L24AC Characteristics Symbol Min Typ Max Unit Output Voltage (TJ = +25°C) VO −23 −24 −25 Vdc Input Regulation (TJ = +25°C) −27 Vdc ≥ VI ≥ −38 Vdc −27.5 Vdc ≥ VI ≥ −38 Vdc −28 Vdc ≥ VI ≥ −38 Vdc Regline − − − − − − 350 − 300 mV Load Regulation TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA 1.0 mA ≤ IO ≤ 40 mA Regload − − − − 200 100 mV Output Voltage −27 Vdc ≥ VI ≥ −38 V, 1.0 mA ≤ IO ≤ 40 mA −28 Vdc ≥ VI ≥ −38 Vdc, 1.0 mA ≤ IO ≤ 40 mA VI = −33 Vdc, 1.0 mA ≤ IO ≤ 70 mA VO −22.8 − −22.8 − − − −25.2 − −25.2 Vdc Input Bias Current (TJ = +25°C) (TJ = +125°C) IIB − − − − 6.5 6.0 mA Input Bias Current Change −28 Vdc ≥ VI ≥ −38 Vdc 1.0 mA ≤ IO ≤ 40 mA DIIB − − − − 1.5 0.1 mA Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz) Vn − 200 − mV Ripple Rejection (−29 ≤ VI ≤ −35 Vdc, f = 120 Hz, TJ = +25°C) RR 31 47 − dB Dropout Voltage IO = 40 mA, TJ = +25°C |VI−VO| − 1.7 − Vdc |
Số phần tương tự - MC79L15ABPRPG |
|
Mô tả tương tự - MC79L15ABPRPG |