công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3-111196-1 bảng dữ liệu(PDF) 48 Page - Tyco Electronics

tên linh kiện 3-111196-1
Giải thích chi tiết về linh kiện  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

3-111196-1 bảng dữ liệu(HTML) 48 Page - Tyco Electronics

Back Button 3-111196-1 Datasheet HTML 44Page - Tyco Electronics 3-111196-1 Datasheet HTML 45Page - Tyco Electronics 3-111196-1 Datasheet HTML 46Page - Tyco Electronics 3-111196-1 Datasheet HTML 47Page - Tyco Electronics 3-111196-1 Datasheet HTML 48Page - Tyco Electronics 3-111196-1 Datasheet HTML 49Page - Tyco Electronics 3-111196-1 Datasheet HTML 50Page - Tyco Electronics 3-111196-1 Datasheet HTML 51Page - Tyco Electronics 3-111196-1 Datasheet HTML 52Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
48
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Novo Connectors
Product Facts
I
.100 x .100 [2.54 x 2.54]
mating grid for .050 [1.27]
pitch ribbon cable
I
Tuning fork contact offers a
military approved design, at
an economical cost
I
Polarization options include
military, center and military,
and dual bar
I
Choice of duplex gold plating
on contact mating area
I
Insulation displacement
contacts for fast, economical
mass terminations
I
Contact design provides
uniform latching of contacts
and housing with connector
cover
I
Housing, cover and strain
relief made of UL 94V-0
rated thermoplastic material
I
Selected 10 thru 64-position
configurations available
I
Accepts wire size range
28-26 AWG [0.08-0.15 mm2],
solid or stranded
I
Snap-on strain relief and
choice of pull loops
available
I
One-step termination with
Novo tooling
I
Recognized under the
Component Program
of the Underwriters
Laboratories, Inc.
UL File No. E28476
I
Certified by the
Canadian Standards
Association,
File No. LR 7189
R
R
Novo receptacles offer a
dual contact interface with
all normal force created by
metal-to-metal contact. This
provides a higher degree of
contact reliability.
Novo receptacles feature
two rows of contacts on
.100 x .100 [2.54 x 2.54]
centerlines in select sizes
from 10 to 64 positions.
Contacts mate with .0252
[0.642] or round posts with
.245 [6.22] max. and .175
[4.45] min. lengths. The
Novo tuning fork contact
offers a military-approved
design, and at a lower cost.
Contacts are made of
phosphor bronze and
are available in a choice
of duplex .000015 [0.00038]
or .000030 [0.00076] gold
in the mating area, and
.000100 [0.00254] tin in the
termination area, with the
entire contact underplated
with .000050 [0.00127]
nickel.
Housings are made of
UL 94V-0 thermoplastic
material and feature military,
military and center, and
dual bar polarization.
Optional accessories
include a snap-on strain
relief and pull loops.
Novo receptacles can be
terminated to .050 [1.27]
pitch ribbon cable by a
wide variety of one-step
application tooling.
Assemblies are packaged
in tubes for ease of handling,
protection and termination.


Số phần tương tự - 3-111196-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
3-111196-1 MACOM-3-111196-1 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
3-111196-1 MACOM-3-111196-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
3-111196-1 MACOM-3-111196-1 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Mô tả tương tự - 3-111196-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
1-5102154-0 MACOM-1-5102154-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com