công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJE4343 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MJE4343
Giải thích chi tiết về linh kiện  High-Voltage - High Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE4343 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MJE4343 Datasheet HTML 1Page - ON Semiconductor MJE4343 Datasheet HTML 2Page - ON Semiconductor MJE4343 Datasheet HTML 3Page - ON Semiconductor MJE4343 Datasheet HTML 4Page - ON Semiconductor MJE4343 Datasheet HTML 5Page - ON Semiconductor MJE4343 Datasheet HTML 6Page - ON Semiconductor MJE4343 Datasheet HTML 7Page - ON Semiconductor MJE4343 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJE4343 (NPN), MJE4353 (PNP)
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 2)
(IC = 200 mAdc, IB = 0)
VCEO(sus)
160
Vdc
Collector−Emitter Cutoff Current
(VCE = 80 Vdc, IB = 0)
ICEO
750
mAdc
Collector−Emitter Cutoff Current
(VCE = Rated VCB, VEB(off) = 1.5 Vdc)
(VCE = Rated VCB, VEB(off) = 1.5 Vdc, TC = 150°C)
ICEX
1.0
5.0
mAdc
Collector−Base Cutoff Current
(VCB = Rated VCB, IE = 0)
ICBO
750
mAdc
Emitter−Base Cutoff Current
(VBE = 7.0 Vdc, IC = 0)
IEBO
1.0
mAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 8.0 Adc, VCE = 2.0 Vdc)
(IC = 16 Adc, VCE = 4.0 Vdc)
hFE
15
8.0
35 (Typ)
15 (Typ)
Collector−Emitter Saturation Voltage
(IC = 8.0 Adc, IB = 800 mA)
(IC = 16 Adc, IB = 2.0 Adc)
VCE(sat)
2.0
3.5
Vdc
Base−Emitter Saturation Voltage
(IC = 16 Adc, IB = 2.0 Adc)
VBE(sat)
3.9
Vdc
Base−Emitter On Voltage
(IC = 16 Adc, VCE = 4.0 Vdc)
VBE(on)
3.9
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product (Note 3)
(IC = 1.0 Adc, VCE = 20 Vdc, ftest = 0.5 MHz)
fT
1.0
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
Cob
800
pF
2. Pulse Test: Pulse Width v 300 ms, Duty Cycle w 2.0%.
3. fT = ⎪hfe⎪• ftest.


Số phần tương tự - MJE4343

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mospec Semiconductor
MJE4343 MOSPEC-MJE4343 Datasheet
135Kb / 4P
   POWER TRANSISTORS(16A,100-160V,125W)
logo
Motorola, Inc
MJE4343 MOTOROLA-MJE4343 Datasheet
197Kb / 6P
   16 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140-160 VOLTS
logo
ON Semiconductor
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
logo
Savantic, Inc.
MJE4343 SAVANTIC-MJE4343 Datasheet
139Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
MJE4343 ONSEMI-MJE4343 Datasheet
147Kb / 7P
   High?뭋oltage  High Power Transistors
March, 2006 ??Rev. 4
More results

Mô tả tương tự - MJE4343

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Boca Semiconductor Corp...
BU126 BOCA-BU126 Datasheet
121Kb / 3P
   HIGH VOLTAGE POWER TRANSISTORS
logo
ON Semiconductor
MJD340 ONSEMI-MJD340_16 Datasheet
93Kb / 6P
   High Voltage Power Transistors
June, 2016 ??Rev. 12
MJD47 ONSEMI-MJD47_11 Datasheet
115Kb / 5P
   High Voltage Power Transistors
January, 2011 ??Rev. 10
NJVMJD50T4G ONSEMI-NJVMJD50T4G Datasheet
81Kb / 6P
   High Voltage Power Transistors
August, 2014 ??Rev. 15
logo
Boca Semiconductor Corp...
BU326 BOCA-BU326 Datasheet
129Kb / 3P
   HIGH VOLTAGE POWER TRANSISTORS
logo
Fairchild Semiconductor
MJD350TF FAIRCHILD-MJD350TF Datasheet
43Kb / 4P
   High Voltage Power Transistors
logo
ON Semiconductor
MJE2955T ONSEMI-MJE2955T_15 Datasheet
66Kb / 4P
   High Voltage Power Transistors
January, 2015 ??Rev. 12
MJD47 ONSEMI-MJD47_14 Datasheet
81Kb / 6P
   High Voltage Power Transistors
August, 2014 ??Rev. 15
MJD340 ONSEMI-MJD340_11 Datasheet
126Kb / 5P
   High Voltage Power Transistors
January, 2011 ??Rev. 8
logo
List of Unclassifed Man...
2N3773 ETC-2N3773 Datasheet
105Kb / 3P
   HIGH VOLTAGE, HIGH CURRENT POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com