công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM317LB bảng dữ liệu(PDF) 11 Page - ON Semiconductor

tên linh kiện LM317LB
Giải thích chi tiết về linh kiện  1.5 A Adjustable Output Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317LB bảng dữ liệu(HTML) 11 Page - ON Semiconductor

Back Button LM317LB Datasheet HTML 4Page - ON Semiconductor LM317LB Datasheet HTML 5Page - ON Semiconductor LM317LB Datasheet HTML 6Page - ON Semiconductor LM317LB Datasheet HTML 7Page - ON Semiconductor LM317LB Datasheet HTML 8Page - ON Semiconductor LM317LB Datasheet HTML 9Page - ON Semiconductor LM317LB Datasheet HTML 10Page - ON Semiconductor LM317LB Datasheet HTML 11Page - ON Semiconductor LM317LB Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LM317, NCV317
http://onsemi.com
11
PACKAGE DIMENSIONS
D2PAK−3
D2T SUFFIX
CASE 936−03
ISSUE D
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
8.38
5.080
DIMENSIONS: MILLIMETERS
PITCH
2X
16.155
1.016
2X
10.49
3.504
5 REF
5 REF
V
U
TERMINAL 4
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2.
CONTROLLING DIMENSION: INCHES.
3.
TAB CONTOUR OPTIONAL WITHIN
DIMENSIONS A AND K.
4.
DIMENSIONS U AND V ESTABLISH A MINIMUM
MOUNTING SURFACE FOR TERMINAL 4.
5.
DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH OR GATE PROTRUSIONS. MOLD
FLASH AND GATE PROTRUSIONS NOT TO
EXCEED 0.025 (0.635) MAXIMUM.
6.
SINGLE GAUGE DESIGN WILL BE SHIPPED
AFTER FPCN EXPIRATION IN OCTOBER 2011.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.386
0.403
9.804
10.236
INCHES
B
0.356
0.368
9.042
9.347
C
0.170
0.180
4.318
4.572
D
0.026
0.036
0.660
0.914
E
0.045
0.055
1.143
1.397
F
0.051 REF
1.295 REF
G
0.100 BSC
2.540 BSC
H
0.539
0.579
13.691
14.707
J
0.125 MAX
3.175 MAX
K
0.050 REF
1.270 REF
L
0.000
0.010
0.000
0.254
M
0.088
0.102
2.235
2.591
N
0.018
0.026
0.457
0.660
P
0.058
0.078
1.473
1.981
R
S
0.116 REF
2.946 REF
U
0.200 MIN
5.080 MIN
V
0.250 MIN
6.350 MIN
__
A
12
3
K
F
B
J
S
H
D
M
0.010 (0.254)
T
E
OPTIONAL
CHAMFER
BOTTOM VIEW
OPTIONAL CONSTRUCTIONS
TOP VIEW
SIDE VIEW
DUAL GAUGE
BOTTOM VIEW
L
T
P
R
DETAIL C
SEATING
PLANE
2X
G
N
M
CONSTRUCTION
D
C
DETAIL C
E
OPTIONAL
CHAMFER
SIDE VIEW
SINGLE GAUGE
CONSTRUCTION
S
C
DETAIL C
T
T
D
E
0.018
0.026
0.457
0.660
S


Số phần tương tự - LM317LB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LM317LBD ONSEMI-LM317LBD Datasheet
184Kb / 12P
   LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
1996 Rev 1
LM317LBD ONSEMI-LM317LBD Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
LM317LBD ONSEMI-LM317LBD Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317LBDG ONSEMI-LM317LBDG Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
LM317LBDG ONSEMI-LM317LBDG Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
More results

Mô tả tương tự - LM317LB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
logo
KODENSHI_AUK CORP.
SN317PI KODENSHI-SN317PI Datasheet
401Kb / 8P
   [ 1.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM317 ONSEMI-LM317_06 Datasheet
146Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 9
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com