công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LA200 bảng dữ liệu(PDF) 2 Page - Tyco Electronics

tên linh kiện LA200
Giải thích chi tiết về linh kiện  L Series - Power Entry Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

LA200 bảng dữ liệu(HTML) 2 Page - Tyco Electronics

  LA200 Datasheet HTML 1Page - Tyco Electronics LA200 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Assembly — Part No. MA100
Power interconnect assembly for voltage select models of
the M series. Simplifies connection of power entry module
to power supply. Designed for use with either filtered or
unfiltered voltage selection models. 8.5" wire leads.
Part No. MA101 - Plug Only
Part No. MA102 - Pins on Strips
Part No. MA103 - Pins on Reel (7,000 pins)
Part No. MA104 - Pins Only
Assembly — Part No. MA400
Medical safety bracket kit for use with HM models. Bracket
allows customer to undergo UL544 abnormal condition
testing without removal of fuse(s) in power entry module.
Part No. MA401 - Bracket Only
Part No. MA402 - Standoff Only
Voltage Card — Part No. MA302
Two-voltage selection capability for use with M series
power entry modules. Marked 120V/240V. One MA302
comes standard with two-voltage M series modules.
Voltage Card — Part No. MA304
Four-voltage selection capability for use with M series
power entry modules. Marked 100V/120V/230V/240V.
One MA304 comes standard with four-voltage M series
modules.
Accessories (Continued)
143
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
CORCOM Product Guide
M Series - Power Entry Modules
P Series
Insulating Boot — Part No. MA601
Plastic shroud to cover back of VM and EFM power entry
modules preventing inadvertent access to tracings.
Part No. MA601 - fits M4S versions
Part No. MA602 - fits M1S versions
Part No. MA603 - fits M4 versions
Part No. MA604 - fits M1 versions
Assembly — Part No. PA100
Power connector assembly for voltage select modules of
the P series. Simplifies the connection of power entry mod-
ule to power supply. Designed for use with either filtered or
unfiltered modules. Includes 6 inch wires (4).
Part No. PA101 - Plug Only
Part No. PA102 - Pins Only
Part No. PA105 - Same as PA100, except has 2 wires for
no voltage selection models
J Extender — Part No. PA400
Extends P series module to fit J panel cutout. Cannot be
used with B shield.
L Extender — Part No. PA410
Extends P series width to fit L panel cutout (use two per
module). Unshielded versions only.
C Extender — Part No. PA420
Extends P series height by .20"
PA101
0
0
4
2


Số phần tương tự - LA200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LEM
LA200-P LEM-LA200-P Datasheet
85Kb / 2P
   Current Transducer LA 200-P
LA200-P LEM-LA200-P Datasheet
274Kb / 2P
   Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
   Current Transducer
LA200-P LEM-LA200-P_09 Datasheet
530Kb / 3P
   Current Transducer
logo
Sanyo Semicon Device
LA2000 SANYO-LA2000 Datasheet
171Kb / 8P
   Audio Level Sensor
More results

Mô tả tương tự - LA200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
CCM1300 MACOM-CCM1300 Datasheet
182Kb / 2P
   Power Entry Modules
logo
Schurter Inc.
8843 SCHURTER-8843 Datasheet
86Kb / 2P
   POWER ENTRY MODULES
BOWDENCABLESINCL SCHURTER-BOWDENCABLESINCL Datasheet
229Kb / 3P
   Bowden Cable for Power Entry Modules
0040.5000.2 SCHURTER-0040.5000.2 Datasheet
400Kb / 3P
   Power entry modules without line filter
0886.0606 SCHURTER-0886.0606 Datasheet
215Kb / 3P
   Bowden Cable for Power Entry Modules
04.01.2022
logo
List of Unclassifed Man...
DC11 ETC2-DC11 Datasheet
162Kb / 2P
   POWER ENTRY MODULES WITHOUT LINE FILTER
ATCA-H8314 ETC2-ATCA-H8314 Datasheet
871Kb / 2P
   Dual -48 V DC power entry modules
logo
Tyco Electronics
1EGG1-1 MACOM-1EGG1-1_1 Datasheet
71Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
1EGG1-1 MACOM-1EGG1-1 Datasheet
85Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
logo
M-System Co.,Ltd.
L2CE MSYSTEM-L2CE Datasheet
102Kb / 3P
   Power Transducer Series L-UNIT
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com