công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5315BRMZ-REEL1 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD5315BRMZ-REEL1
Giải thích chi tiết về linh kiện  2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5315BRMZ-REEL1 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD5315BRMZ-REEL1 Datasheet HTML 1Page - Analog Devices AD5315BRMZ-REEL1 Datasheet HTML 2Page - Analog Devices AD5315BRMZ-REEL1 Datasheet HTML 3Page - Analog Devices AD5315BRMZ-REEL1 Datasheet HTML 4Page - Analog Devices AD5315BRMZ-REEL1 Datasheet HTML 5Page - Analog Devices AD5315BRMZ-REEL1 Datasheet HTML 6Page - Analog Devices AD5315BRMZ-REEL1 Datasheet HTML 7Page - Analog Devices AD5315BRMZ-REEL1 Datasheet HTML 8Page - Analog Devices AD5315BRMZ-REEL1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5305/AD5315/AD5325
Rev. G | Page 4 of 24
A Version1
B Version1
Parameter2
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
LOGIC INPUTS (A0
)5
Input Current
±1
±1
μA
Input Low Voltage, VIL
0.8
0.8
V
VDD = 5 V ± 10%
0.6
0.6
V
VDD = 3 V ± 10%
0.5
0.5
V
VDD = 2.5 V
Input High Voltage, VIH
2.4
2.4
V
VDD = 5 V ± 10%
2.1
2.1
V
VDD = 3 V ± 10%
2.0
2.0
V
VDD = 2.5 V
Pin Capacitance
3
3
pF
LOGIC INPUTS (SCL, SDA)5
Input High Voltage, VIH
0.7
VDD
VDD +
0.3
0.7
VDD
VDD +
0.3
V
SMBus compatible at VDD < 3.6 V
Input Low Voltage, VIL
−0.3
0.3 VDD
−0.3
0.3 VDD
V
SMBus compatible at VDD < 3.6 V
Input Leakage Current, IIN
±1
±1
μA
Input Hysteresis, VHYST
0.05
VDD
0.05
VDD
V
Input Capacitance, CIN
8
8
pF
Glitch Rejection
50
50
ns
Input filtering suppresses noise spikes
of less than 50 ns
LOGIC OUTPUT (SDA)5
Output Low Voltage, VOL
0.4
0.4
V
ISINK = 3 mA
0.6
0.6
V
ISINK = 6 mA
Three-State Leakage Current
±1
±1
μA
Three-State Output
Capacitance
8
8
pF
POWER REQUIREMENTS
VDD
2.5
5.5
2.5
5.5
V
IDD (Normal Mode)7
VIH = VDD and VIL = GND
VDD = 4.5 V to 5.5 V
600
900
600
900
μA
VDD = 2.5 V to 3.6 V
500
700
500
700
μA
IDD (Power-Down Mode)
VIH = VDD and VIL = GND
VDD = 4.5 V to 5.5 V
0.2
1
0.2
1
μA
IDD = 4 μA (maximum) during
0 readback on SDA
VDD = 2.5 V to 3.6 V
0.08
1
0.08
1
μA
IDD = 1.5 μA (maximum) during
0 readback on SDA
1 Temperature range (A, B version): −40°C to +105°C; typical at +25°C.
2 See the Terminology section.
3 DC specifications tested with the outputs unloaded.
4 Linearity is tested using a reduced code range: AD5305 (Code 8 to 248); AD5315 (Code 28 to 995); AD5325 (Code 115 to 3981).
5 Guaranteed by design and characterization, not production tested.
6 For the amplifier output to reach its minimum voltage, offset error must be negative; to reach its maximum voltage, VREF = VDD and offset plus gain error must be
positive.
7 IDD specification is valid for all DAC codes. Interface inactive. All DACs active and excluding load currents.


Số phần tương tự - AD5315BRMZ-REEL1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5315BRMZ-REEL1 AD-AD5315BRMZ-REEL1 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
More results

Mô tả tương tự - AD5315BRMZ-REEL1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5334BRUZ AD-AD5334BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 muA, Parallel Interface
REV. 0
AD5346 AD-AD5346 Datasheet
949Kb / 24P
   2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
REV. 0
AD5339BRMZ AD-AD5339BRMZ Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250 muA, 2-Wire Interface
REV. C
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5305ARM AD-AD5305ARM Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5301 AD-AD5301_07 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5306 AD-AD5306 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5305 AD-AD5305 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com