công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74F133 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện 74F133
Giải thích chi tiết về linh kiện  13-input NAND gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

74F133 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  74F133 Datasheet HTML 1Page - List of Unclassifed Manufacturers 74F133 Datasheet HTML 2Page - List of Unclassifed Manufacturers 74F133 Datasheet HTML 3Page - List of Unclassifed Manufacturers 74F133 Datasheet HTML 4Page - List of Unclassifed Manufacturers 74F133 Datasheet HTML 5Page - List of Unclassifed Manufacturers 74F133 Datasheet HTML 6Page - List of Unclassifed Manufacturers 74F133 Datasheet HTML 7Page - List of Unclassifed Manufacturers 74F133 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
74F133
13-input NAND gate
July 2, 1993
4
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
NO TAG
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONSNO TAG
MIN
TYP
NO TAG
MAX
UNIT
VO
High level output voltage
VCC = MIN, VIL = MAX
±10%VCC
2.5
V
VOH
High-level output voltage
VIH = MIN, IOH = MAX
±5%VCC
2.7
3.4
V
VO
Low level output voltage
VCC = MIN, VIL = MAX
±10%VCC
0.35
0.50
V
VOL
Low-level output voltage
VIH = MIN, IOL = MAX
±5%VCC
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
–0.6
mA
IOS
Short-circuit output currentNO TAG
VCC = MAX
–60
–150
mA
ICC
Supply current (total)
ICCH
VCC = MAX
1.0
2.0
mA
ICC
Supply current (total)
ICCL
VCC = MAX
2.5
4.0
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
AC ELECTRICAL CHARACTERISTICS
LIMITS
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
VCC = +5.0V ± 10%
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C
Tamb = 0°C to +70°C
Tamb = –40°C to +85°C
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Dn to Q
Waveform
NO TAG
2.0
2.5
4.0
4.5
7.0
7.5
1.5
2.0
7.5
8.0
1.5
2.0
7.5
8.0
ns
AC WAVEFORMS
VM
VM
VM
VM
Q
Dn
tPHL
tPLH
SF00098
Waveform 1.
Propagation Delay for Data to Outputs
NOTE:
For all waveforms, VM = 1.5V.


Số phần tương tự - 74F133

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74F133 PHILIPS-74F133 Datasheet
51Kb / 4P
   13.input NAND Gate
July 2, 1993
logo
Nexperia B.V. All right...
74F133 NEXPERIA-74F133 Datasheet
198Kb / 9P
   13-input NAND gate
July 2, 1993
More results

Mô tả tương tự - 74F133

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54LS133 NSC-54LS133 Datasheet
52Kb / 2P
   13-INPUT NAND GATE
logo
Toshiba Semiconductor
TC74HC133AP TOSHIBA-TC74HC133AP_07 Datasheet
219Kb / 7P
   13-Input NAND Gate
logo
List of Unclassifed Man...
GD74HCT133 ETC1-GD74HCT133 Datasheet
165Kb / 4P
   13-INPUT NAND GATE
logo
National Semiconductor ...
MM74HC133 NSC-MM74HC133 Datasheet
149Kb / 4P
   13-Input NAND Gate
logo
Renesas Technology Corp
HD74HC133 RENESAS-HD74HC133 Datasheet
91Kb / 6P
   13-input NAND Gate
logo
Fairchild Semiconductor
DM74S133 FAIRCHILD-DM74S133 Datasheet
46Kb / 4P
   13-Input NAND Gate
logo
NXP Semiconductors
74F133 PHILIPS-74F133 Datasheet
51Kb / 4P
   13.input NAND Gate
July 2, 1993
logo
STMicroelectronics
M54HC133 STMICROELECTRONICS-M54HC133 Datasheet
237Kb / 10P
   13 INPUT NAND GATE
logo
NXP Semiconductors
74HC133 PHILIPS-74HC133 Datasheet
36Kb / 5P
   13-input NAND gate
September 1993
logo
Hitachi Semiconductor
HD74HC133 HITACHI-HD74HC133 Datasheet
52Kb / 9P
   13-input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com