công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF4360-1 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADF4360-1
Giải thích chi tiết về linh kiện  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF4360-1 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADF4360-1_12 Datasheet HTML 1Page - Analog Devices ADF4360-1_12 Datasheet HTML 2Page - Analog Devices ADF4360-1_12 Datasheet HTML 3Page - Analog Devices ADF4360-1_12 Datasheet HTML 4Page - Analog Devices ADF4360-1_12 Datasheet HTML 5Page - Analog Devices ADF4360-1_12 Datasheet HTML 6Page - Analog Devices ADF4360-1_12 Datasheet HTML 7Page - Analog Devices ADF4360-1_12 Datasheet HTML 8Page - Analog Devices ADF4360-1_12 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Integrated Synthesizer and VCO
Data Sheet
ADF4360-1
Rev. C
Document Feedback
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,nore-
sponsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2003–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Output frequency range: 2050 MHz to 2450 MHz
Divide-by-2 output
3.0 V to 3.6 V power supply
1.8 V logic compatibility
Integer-N synthesizer
Programmable dual-modulus prescaler 8/9, 16/17, 32/33
Programmable output power level
3-wire serial interface
Analog and digital lock detect
Hardware and software power-down mode
APPLICATIONS
Wireless handsets (DECT, GSM, PCS, DCS, WCDMA)
Test equipment
Wireless LANs
CATV equipment
GENERAL DESCRIPTION
The ADF4360-1 is a fully integrated integer-N synthesizer and
voltage-controlled oscillator (VCO). The ADF4360-1 is
designed for a center frequency of 2250 MHz. In addition, there
is a divide-by-2 option available, whereby the user gets an RF
output of between 1025 MHz and 1225 MHz.
Control of all the on-chip registers is through a simple 3-wire
interface. The device operates with a power supply ranging
from 3.0 V to 3.6 V and can be powered down when not in use.
FUNCTIONAL BLOCK DIAGRAM
MUXOUT
CP
VVCO
REFIN
CLK
DATA
LE
AVDD
DVDD
CE
AGND
DGND
CPGND
RSET
VTUNE
CC
CN
RFOUTA
RFOUTB
VCO
CORE
PHASE
COMPARATOR
MUTE
DIVSEL = 2
DIVSEL = 1
N = (BP + A)
LOAD
LOAD
CHARGE
PUMP
OUTPUT
STAGE
INTEGER
REGISTER
13-BIT B
COUNTER
14-BIT R
COUNTER
24-BIT
FUNCTION
LATCH
24-BIT
DATA REGISTER
5-BIT A
COUNTER
PRESCALER
P/P+1
MULTIPLEXER
LOCK
DETECT
2
ADF4360-1
Figure 1.


Số phần tương tự - ADF4360-1_12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF4360-1 AD-ADF4360-1_15 Datasheet
335Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
More results

Mô tả tương tự - ADF4360-1_12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com