công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STP5NK52ZD bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
STP5NK52ZD bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
3 / 17 page STB5NK52ZD-1, STD/F/P5NK52ZD Electrical ratings 3/17 1 Electrical ratings Table 2. Absolute maximum ratings Symbol Parameter Value Unit TO-220 I²PAK IPAK DPAK TO-220FP VDS Drain-source voltage (VGS = 0) 520 V VGS Gate- source voltage ± 30 V ID Drain current (continuous) at TC = 25 °C 4.4 4.4 (1) 1. Limited only by max temperature allowed A ID Drain current (continuous) at TC = 100 °C 2.7 2.7 (1) A IDM (2) 2. Pulse width limited by safe operating area Drain current (pulsed) 17.6 17.6 (1) A PTOT Total dissipation at TC = 25 °C 70 25 W Derating factor 0.56 0.2 W/°C VESD(G-S) Gate source ESD(HBM-C=100pF, R=1.5 kΩ) 2800 V dv/dt (3) 3. ISD ≤ 4.4 A, di/dt ≤ 200 A/µs, VDD = 80% V(BR)DSS Peak diode recovery voltage slope 15 V/ns Tj Tstg Operating junction temperature Storage temperature -55 to 150 °C Table 3. Thermal data Symbol Parameter Value Unit TO-220 I²PAK IPAK DPAK TO-220FP Rthj-case Thermal resistance junction-case max 1.78 5 °C/W Rthj-amb Thermal resistance junction-ambient max 62.5 100 62.5 °C/W Tl Maximum lead temperature for soldering purpose 300 °C Table 4. Avalanche characteristics Symbol Parameter Max value Unit IAR Avalanche current, repetitive or not-repetitive (pulse width limited by Tj max) 4.4 A EAS Single pulse avalanche energy (starting Tj = 25 °C, ID = IAR, VDD = 50 V) 170 mJ |
Số phần tương tự - STP5NK52ZD |
|
Mô tả tương tự - STP5NK52ZD |