công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM186ES-25VCW bảng dữ liệu(PDF) 5 Page - InnovASIC, Inc |
|
AM186ES-25VCW bảng dữ liệu(HTML) 5 Page - InnovASIC, Inc |
5 / 154 page IA186ES/IA188ES Data Sheet 8-Bit/16-Bit Microcontrollers November 15, 2011 IA211050902-19 http://www.innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 5 of 154 1-888-824-4184 ® 2.2.36 rts0_n/rtr0_n/pio20—Ready-to-Send 0 (asynchronous output)/Ready- to-Receive 0 (asynchronous input) .................................................................41 2.2.37 rxd0_n/pio23—Receive Data 0 (asynchronous input) ...................................41 2.2.38 rxd1_n/pio28—Receive Data 1 (asynchronous input) ...................................41 2.2.39 s2_n–s0_n—Bus Cycle Status (synchronous outputs with tristate) ...............41 2.2.40 s6/lock_n/clkdiv2_n/pio29—Bus Cycle Status Bit [6] (synchronous output)/Bus Lock (synchronous output)/Clock Divide by 2 (input with internal pullup)................................................................................................42 2.2.41 srdy/pio6—Synchronous Ready (synchronous level-sensitive input) ............42 2.2.42 tmrin0/pio11—Timer Input 0 (synchronous edge-sensitive input) ................42 2.2.43 tmrin1/pio0—Timer Input 1 (synchronous edge-sensitive input) ..................43 2.2.44 tmrout0/pio10—Timer Output 0 (synchronous output) .................................43 2.2.45 tmrout1/pio1—Timer Output 1 (synchronous output) ...................................43 2.2.46 txd0/pio22—Transmit Data 0 (asynchronous output) ....................................43 2.2.47 txd1/pio27—Transmit Data 1 (asynchronous output) ....................................43 2.2.48 ucs_n/once1_n—Upper Memory Chip Select (synchronous output)/ONCE Mode Request 1 (input with internal pullup) .........................43 2.2.49 uzi_n/pio26—Upper Zero Indicate (synchronous output)..............................44 2.2.50 vcc—Power Supply (input)..............................................................................44 2.2.51 whb_n (IA186ES only)—Write High Byte (synchronous output with tristate) ............................................................................................................44 2.2.52 wlb_n/wb_n—Write Low Byte (IA186ES only) (synchronous output with tristate)/Write Byte (IA188ES only) (synchronous output with tristate) ............................................................................................................44 2.2.53 wr_n—Write Strobe (synchronous output) ....................................................44 2.2.54 x1—Crystal Input ...........................................................................................44 2.2.55 x2—Crystal Input ...........................................................................................44 2.3 Pins Used by Emulators ..............................................................................................45 3. Maximum Ratings, Thermal Characteristics, and DC Parameters .......................................45 4. Device Architecture ..............................................................................................................47 4.1 Bus Interface and Control ...........................................................................................47 4.2 Clock and Power Management ...................................................................................49 4.3 System Clocks .............................................................................................................49 4.4 Power-Save Mode .......................................................................................................50 4.5 Initialization and Reset................................................................................................50 4.6 Reset Configuration Register ......................................................................................50 4.7 Chip Selects.................................................................................................................50 4.8 Chip-Select Timing .....................................................................................................50 4.9 Ready- and Wait-State Programming..........................................................................51 4.10 Chip-Select Overlap ....................................................................................................51 4.11 Upper-Memory Chip Select ........................................................................................52 4.12 Low-Memory Chip Select ...........................................................................................52 |
Số phần tương tự - AM186ES-25VCW |
|
Mô tả tương tự - AM186ES-25VCW |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |