công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM26C32CD bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
AM26C32CD bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 23 page AM26C32 QUADRUPLE DIFFERENTIAL LINE RECEIVER SLLS104I − DECEMBER 1990 − REVISED SEPTEMBER 2004 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC (see Note 1) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI: A or B inputs −11 V to 14 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . G or G inputs −0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage range, VID −14 V to 14 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO −0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output current, IO ±25 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Notes 2 and 3): D package 73 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 67 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 64 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . PW package 108 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . Operating virtual junction temperature, TJ 150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values, except differential output voltage, VOD, are with respect to network GND. Currents into the device are positive and currents out of the device are negative. 2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. 3. The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 V VIH High-level input voltage 2 V VIL Low-level input voltage 0.8 V VIC Common-mode input voltage ±7 V IOH High-level output current −6 mA IOL Low-level output current 6 mA AM26C32C 0 70 TA Operating free-air temperature AM26C32I −40 85 °C TA Operating free-air temperature AM26C32Q −40 125 °C AM26C32M −55 125 |
Số phần tương tự - AM26C32CD |
|
Mô tả tương tự - AM26C32CD |