công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS7830IPWRG4 bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
|
ADS7830IPWRG4 bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 26 page SAR 2.5V V REF Serial Interface SDA Comparator S/H Amp REF /REF IN OUT SCL CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM A0 A1 CDAC 8-Channel MUX Buffer ADS7830 www.ti.com SBAS302C – DECEMBER 2003 – REVISED OCTOBER 2012 8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C™ Interface Check for Samples: ADS7830 1 FEATURES APPLICATIONS 23 • 70kHz SAMPLING RATE • VOLTAGE-SUPPLY MONITORING • ±0.5LSB INL/DNL • ISOLATED DATA ACQUISITION • 8 BITS NO MISSING CODES • TRANSDUCER INTERFACE • 4 DIFFERENTIAL/8 SINGLE-ENDED INPUTS • BATTERY-OPERATED SYSTEMS • 2.7V TO 5V OPERATION • REMOTE DATA ACQUISITION • BUILT-IN 2.5V REFERENCE/BUFFER DESCRIPTION • SUPPORTS ALL THREE I2C MODES: The ADS7830 is a single-supply, low-power, 8-bit Standard, Fast, and High-Speed data acquisition device that features a serial I2C • LOW POWER: interface and an 8-channel multiplexer. The Analog- 180 μW (Standard Mode) to-Digital (A/D) converter features a sample-and-hold 300 μW (Fast Mode) amplifier and internal, asynchronous clock. The 675 μW (High-Speed Mode) combination of an I2C serial, 2-wire interface and micropower consumption makes the ADS7830 ideal • DIRECT PIN COMPATIBLE WITH ADS7828 for applications requiring the A/D converter to be • TSSOP-16 PACKAGE close to the input source in remote locations and for applications requiring isolation. The ADS7830 is available in a TSSOP-16 package. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 I2C is a trademark of NXP Semiconductors. 3 All other trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2003–2012, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Số phần tương tự - ADS7830IPWRG4 |
|
Mô tả tương tự - ADS7830IPWRG4 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |