công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1217IPFBR bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1217IPFBR
Giải thích chi tiết về linh kiện  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1217IPFBR bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS1217IPFBR Datasheet HTML 1Page - Texas Instruments ADS1217IPFBR Datasheet HTML 2Page - Texas Instruments ADS1217IPFBR Datasheet HTML 3Page - Texas Instruments ADS1217IPFBR Datasheet HTML 4Page - Texas Instruments ADS1217IPFBR Datasheet HTML 5Page - Texas Instruments ADS1217IPFBR Datasheet HTML 6Page - Texas Instruments ADS1217IPFBR Datasheet HTML 7Page - Texas Instruments ADS1217IPFBR Datasheet HTML 8Page - Texas Instruments ADS1217IPFBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
ADS1217
SBAS260C
3
www.ti.com
ELECTRICAL CHARACTERISTICS: AVDD = 5V (Cont.)
All specifications at –40
°C to +85°C, AV
DD = +5V, DVDD = +2.7V to 5.25V, fMOD = 19.2kHz, PGA = 1, Buffer ON, RDAC = 150kΩ, fDATA = 10Hz, and VREF = +2.5V,
unless otherwise specified.
ADS1217
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE REFERENCE INPUT
Reference Input (VREF)VREF ≡ (VREF+) – (VREF–)
0.1
2.5
2.6
V
Negative Reference Input (VREF–)
AGND – 0.1
(VREF+) – 0.1
V
Positive Reference Input (VREF+)(VREF–) + 0.1
AVDD + 0.1
V
Common-Mode Rejection
at DC
120
dB
Common-Mode Rejection
fVREFCM = 60Hz, fDATA = 60Hz
120
dB
Bias Current(3)
VREF = 2.5V, PGA = 1
1.3
µA
ON-CHIP VOLTAGE REFERENCE
Output Voltage
REF HI = 1
2.4
2.5
2.6
V
REF HI = 0
1.25
V
Short-Circuit Current Source
8mA
Short-Circuit Current Sink
50
µA
Drift
15
ppm/
°C
Noise
VRCAP = 0.1µF, BW = 0.1Hz to 100Hz
10
µVrms
Output Impedance
Sourcing 100
µA3
Startup Time
5ms
IDAC
Full-Scale Output Current
RDAC = 150kΩ, Range = 1
0.5
mA
RDAC = 150kΩ, Range = 2
1
mA
RDAC = 150kΩ, Range = 3
2
mA
RDAC = 15kΩ, Range = 3
20
mA
Current Setting Resistance (RDAC)10
k
Monotonicity
RDAC = 150kΩ
8
Bits
Compliance Voltage
0AVDD – 1V
Output Impedance
See Typical Characteristics
PSRR
VOUT = AVDD/2, Code > 16
400
ppm/V
Gain Error
Individual IDAC
5
%
Gain Error Drift
Individual IDAC
75
ppm/
°C
Gain Error Mismatch
Between IDACs, Same Range and Code
0.25
%
Gain Error Mismatch Drift
Between IDACs, Same Range and Code
15
ppm/
°C
POWER-SUPPLY REQUIREMENTS
Power-Supply Voltage
AVDD
4.75
5.25
V
Analog Current (IADC + IVREF + IIDAC)
PDWN = 0, or SLEEP
1
nA
A/D Converter Current (IADC)
PGA = 1, Buffer OFF
175
275
µA
PGA = 128, Buffer OFF
500
750
µA
PGA = 1, Buffer ON
250
350
µA
PGA = 128, Buffer ON
900
1375
µA
VREF Current (IVREF)
250
375
µA
IIDAC Current (IIDAC)
Excludes Load Current
480
675
µA
Digital Current
Normal Mode, DVDD = 5V
180
275
µA
SLEEP Mode, DVDD = 5V
150
µA
Read Data Continuous Mode, DVDD = 5V
230
µA
PDWN = 0
1
nA
Power Dissipation
PGA = 1, Buffer OFF, REFEN = 0,
1.8
2.8
mW
IDACs OFF, DVDD = 5V
NOTES: (1) FSR is Full-Scale Range. (2)
∆V
OUT is change in digital result. (3) 12pF switched capacitor at fSAMP clock frequency.


Số phần tương tự - ADS1217IPFBR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1217IPFBR BURR-BROWN-ADS1217IPFBR Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1217IPFBR TI1-ADS1217IPFBR Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS1217IPFBR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1216 TI-ADS1216 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com