công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1217IPFBT bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1217IPFBT
Giải thích chi tiết về linh kiện  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1217IPFBT bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS1217IPFBT Datasheet HTML 1Page - Texas Instruments ADS1217IPFBT Datasheet HTML 2Page - Texas Instruments ADS1217IPFBT Datasheet HTML 3Page - Texas Instruments ADS1217IPFBT Datasheet HTML 4Page - Texas Instruments ADS1217IPFBT Datasheet HTML 5Page - Texas Instruments ADS1217IPFBT Datasheet HTML 6Page - Texas Instruments ADS1217IPFBT Datasheet HTML 7Page - Texas Instruments ADS1217IPFBT Datasheet HTML 8Page - Texas Instruments ADS1217IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
ADS1
217
8-Channel, 24-Bit
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q 24 BITS NO MISSING CODES
q INL: 0.0012% of FSR (max)
q FULL-SCALE INPUT:
±2V
REF
q PGA FROM 1 TO 128
q 22 BITS EFFECTIVE RESOLUTION
(PGA = 1), 19 BITS (PGA = 128)
q SINGLE CYCLE SETTLING MODE
q PROGRAMMABLE DATA OUTPUT RATES
UP TO 1kHz
q ON-CHIP 1.25V/2.5V REFERENCE
q ON-CHIP CALIBRATION
q SPI COMPATIBLE
q POWER SUPPLY: 2.7V to 5.25V
q < 1mW POWER CONSUMPTION, V
DD = 3V
DESCRIPTION
The ADS1217 is a precision, wide dynamic range, delta-
sigma, Analog-to-Digital (A/D) converter with 24-bit resolu-
tion operating from 2.7V to 5.25V supplies. The delta-sigma,
A/D converter provides up to 24 bits of no missing code
performance and effective resolution of 22 bits.
The eight input channels are multiplexed. Internal buffering
can be selected to provide a very high input impedance for
direct connection to transducers or low-level voltage signals.
Burnout current sources are provided that allow for the
detection of an open or shorted sensor. An 8-bit Digital-to-
Analog Converter (DAC) provides an offset correction with a
range of 50% of the FSR (Full-Scale Range).
The PGA (Programmable Gain Amplifier) provides selectable
gains of 1 to 128 with an effective resolution of 19 bits at a gain
of 128. The A/D conversion is accomplished with a 2nd-order,
delta-sigma modulator and programmable sinc filter. The
reference input is differential and can be used for ratiometric
measurements. The onboard current DACs operate indepen-
dently with the maximum current set by an external resistor.
The serial interface is SPI compatible. Eight bits of digital I/O
are also provided that can be used for input or output. The
ADS1217 is designed for high-resolution measurement appli-
cations in smart transmitters, industrial process control, weigh
scales, chromatography, and portable instrumentation.
APPLICATIONS
q INDUSTRIAL PROCESS CONTROL
q LIQUID/GAS CHROMATOGRAPHY
q BLOOD ANALYSIS
q SMART TRANSMITTERS
q PORTABLE INSTRUMENTATION
q WEIGH SCALES
q PRESSURE TRANSDUCERS
BUF
PGA
+
Voltage
Reference
Clock Generator
Registers
Serial Interface
2nd-Order
Modulator
RAM
Digital I/O
Interface
AGND
AV
DD
R
DAC
V
REFOUT
V
RCAP
V
REF+ VREF–
X
IN
X
OUT
D7
BUFEN
...
D0
DGND
DV
DD
D
IN
SCLK
POL
D
OUT
CS
DRDY
PDWN
DYSNC
RESET
MUX
A
IN0
A
IN1
A
IN2
A
IN3
A
IN4
A
IN5
A
IN6
A
IN7
A
INCOM
IDAC1
Controller
Program-
mable
Digital
Filter
8-Bit
IDAC
IDAC2
8-Bit
IDAC
Offset
DAC
ADS1217
SBAS260C – MAY 2002 – REVISED FEBRUARY 2007
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2002-2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Số phần tương tự - ADS1217IPFBT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1217IPFBT BURR-BROWN-ADS1217IPFBT Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1217IPFBT TI1-ADS1217IPFBT Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBTG4 TI1-ADS1217IPFBTG4 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS1217IPFBT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1216 TI-ADS1216 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com