công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1217IPFBT bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1217IPFBT
Giải thích chi tiết về linh kiện  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1217IPFBT bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS1217IPFBT Datasheet HTML 1Page - Texas Instruments ADS1217IPFBT Datasheet HTML 2Page - Texas Instruments ADS1217IPFBT Datasheet HTML 3Page - Texas Instruments ADS1217IPFBT Datasheet HTML 4Page - Texas Instruments ADS1217IPFBT Datasheet HTML 5Page - Texas Instruments ADS1217IPFBT Datasheet HTML 6Page - Texas Instruments ADS1217IPFBT Datasheet HTML 7Page - Texas Instruments ADS1217IPFBT Datasheet HTML 8Page - Texas Instruments ADS1217IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
ADS1217
4
SBAS260C
www.ti.com
ELECTRICAL CHARACTERISTICS: AVDD = 3V
All specifications at –40
°C to +85°C, AV
DD = +3V, DVDD = +2.7V to 5.25V, fMOD = 19.2kHz, PGA = 1, Buffer ON, RDAC = 75kΩ, fDATA = 10Hz, and VREF = +1.25V,
unless otherwise specified.
ADS1217
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT (AIN0 – AIN7, AINCOM)
Full-Scale Input Voltage
(AIN+) – (AIN–)
±2V
REF /PGA
V
Analog Input Range
Buffer OFF
AGND – 0.1
AVDD + 0.1
V
Buffer ON
AGND + 0.05
AVDD – 1.5
V
Input Impedance
Buffer OFF
10/ PGA
M
Input Current
Buffer ON
0.5
nA
Bandwidth
Fast Settling Filter
–3dB
0.469fDATA
Hz
Sinc2 Filter
–3dB
0.318fDATA
Hz
Sinc3 Filter
–3dB
0.262fDATA
Hz
Programmable Gain Amplifier
User Selectable Gain Ranges
1
128
Burnout Current Sources
2
µA
OFFSET DAC
Offset DAC Range
±V
REF /(PGA)
V
Offset DAC Monotonicity
8
Bits
Offset DAC Gain Error
±1%
Offset DAC Gain Error Drift
2
ppm/
°C
SYSTEM PERFORMANCE
Resolution
24
Bits
No Missing Codes
Sinc3 Filter
24
Bits
Integral Nonlinearity
End Point Fit, Differential Input,
0.0003
0.0012
% of FSR(1)
Buffer Off, T = 25
°C
Offset Error
Before Calibration
15
ppm of FSR
Offset Drift
0.04
ppm of FSR/
°C
Gain Error
After Calibration
0.010
%
Gain Error Drift
1.0
ppm/
°C
Common-Mode Rejection
at DC
100
dB
fCM = 60Hz, fDATA = 10Hz
130
dB
fCM = 50Hz, fDATA = 50Hz
120
dB
fCM = 60Hz, fDATA = 60Hz
120
dB
Normal-Mode Rejection
fSIG = 50Hz, fDATA = 50Hz
100
dB
fSIG = 60Hz, fDATA = 60Hz
100
dB
Output Noise
See Typical Characteristics
Power-Supply Rejection
at DC, dB = –20 log(
∆V
OUT /∆VDD)
(2)
75
90
dB
VOLTAGE REFERENCE INPUT
Reference Input (VREF)VREF ≡ (VREF+) – (VREF–)
0.1
1.25
1.3
V
Negative Reference Input (VREF–)
AGND – 0.1
(VREF+) – 0.1
V
Positive Reference Input (VREF+)(VREF–) + 0.1
AVDD + 0.1
V
Common-Mode Rejection
at DC
120
dB
Common-Mode Rejection
fVREFCM = 60Hz, fDATA = 60Hz
120
dB
Bias Current(3)
VREF = 1.25V
0.65
µA
ON-CHIP VOLTAGE REFERENCE
Output Voltage
REF HI = 0
1.2
1.25
1.3
V
Short-Circuit Current Source
3mA
Short-Circuit Current Sink
50
µA
Drift
15
ppm/
°C
Noise
VRCAP = 0.1µF, BW = 0.1Hz to 100Hz
10
µVrms
Output Impedance
Sourcing 100
µA3
Startup Time
5ms
IDAC
Full-Scale Output Current
RDAC = 75kΩ, Range = 1
0.5
mA
RDAC = 75kΩ, Range = 2
1
mA
RDAC = 75kΩ, Range = 3
2
mA
RDAC = 15kΩ, Range = 3
20
mA
Current Setting Resistance (RDAC)10
k
Monotonicity
RDAC = 75kΩ
8
Bits
Compliance Voltage
0AVDD – 1V
Output Impedance
See Typical Characteristics
PSRR
VOUT = AVDD /2, Code > 16
600
ppm/V
Gain Error
Individual IDAC
5
%
Gain Error Drift
Individual IDAC
75
ppm/
°C
Gain Error Mismatch
Between IDACs, Same Range and Code
0.25
%
Gain Error Mismatch Drift
Between IDACs, Same Range and Code
15
ppm/
°C
NOTES: (1) FSR is Full-Scale Range. (2)
∆V
OUT is change in digital result. (3) 12pF switched capacitor at fSAMP clock frequency.


Số phần tương tự - ADS1217IPFBT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1217IPFBT BURR-BROWN-ADS1217IPFBT Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1217IPFBT TI1-ADS1217IPFBT Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBTG4 TI1-ADS1217IPFBTG4 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS1217IPFBT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1216 TI-ADS1216 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com