công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC128S052CIMTX bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện ADC128S052CIMTX
Giải thích chi tiết về linh kiện  8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S052CIMTX bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADC128S052CIMTX Datasheet HTML 1Page - Texas Instruments ADC128S052CIMTX Datasheet HTML 2Page - Texas Instruments ADC128S052CIMTX Datasheet HTML 3Page - Texas Instruments ADC128S052CIMTX Datasheet HTML 4Page - Texas Instruments ADC128S052CIMTX Datasheet HTML 5Page - Texas Instruments ADC128S052CIMTX Datasheet HTML 6Page - Texas Instruments ADC128S052CIMTX Datasheet HTML 7Page - Texas Instruments ADC128S052CIMTX Datasheet HTML 8Page - Texas Instruments ADC128S052CIMTX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
IN0
IN7
MUX
T/H
ADC128S052
SCLK
VA
AGND
DGND
VD
CS
DIN
DOUT
CONTROL
LOGIC
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
.
.
.
AGND
ADC128S052
SNAS333D – AUGUST 2005 – REVISED MARCH 2013
www.ti.com
Block Diagram
PIN DESCRIPTIONS AND EQUIVALENT CIRCUITS
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
4 - 11
IN0 to IN7
Analog inputs. These signals can range from 0V to VREF.
DIGITAL I/O
Digital clock input. The guaranteed performance range of
16
SCLK
frequencies for this input is 3.2 MHz to 8 MHz. This clock directly
controls the conversion and readout processes.
Digital data output. The output samples are clocked out of this pin on
15
DOUT
the falling edges of the SCLK pin.
Digital data input. The ADC128S052's Control Register is loaded
14
DIN
through this pin on rising edges of the SCLK pin.
Chip select. On the falling edge of CS, a conversion process begins.
1
CS
Conversions continue as long as CS is held low.
POWER SUPPLY
Positive analog supply pin. This voltage is also used as the
reference voltage. This pin should be connected to a quiet +2.7V to
2
VA
+5.25V source and bypassed to GND with 1 µF and 0.1 µF
monolithic ceramic capacitors located within 1 cm of the power pin.
Positive digital supply pin. This pin should be connected to a +2.7V
13
VD
to VA supply, and bypassed to GND with a 0.1 µF monolithic ceramic
capacitor located within 1 cm of the power pin.
3
AGND
The ground return for the analog supply and signals.
12
DGND
The ground return for the digital supply and signals.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC128S052


Số phần tương tự - ADC128S052CIMTX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC128S052CIMTX TI1-ADC128S052CIMTX Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMTX/NOPB TI1-ADC128S052CIMTX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results

Mô tả tương tự - ADC128S052CIMTX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC088S052 TI1-ADC088S052_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S052 8-Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com