công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DL4752 bảng dữ liệu(PDF) 1 Page - Micro Commercial Components |
|
DL4752 bảng dữ liệu(HTML) 1 Page - Micro Commercial Components |
1 / 3 page DL4728 THRU DL476 1 1 Watt Zener Diode 3.3 to 75 Volts Features High Reliability Very Sharp Reverse Characteristic Low Reverse Current Level Maximum Ratings Operating Temperature: -65 to +175 Storage Temperature: -65 to +175 1 Watt DC Power Dissipation Maximum Thermal Resistance: 100K/W Junction To Ambient Test Conditions: I = 9.5mm(3/8”),TL = constant Maximum Forward Voltage @ 200mA: 1.2 Volts Figure 2 - Derating Curve Power Dissipation (W) - Versus - Temperature Temperature 25 100 150 200 W 0.5 1.0 Typical Temperature Coefficient (mV/ ) – versus – Zener Voltage (VZ) Figure 1 - Typical Temperature Coefficient 0 20 40 0 20 40 mV/ VZ omponents 20736 Marilla Street Chatsworth !"# $% !"# M C C GLASS MELF SUGGESTED SOLDER PAD LAYOUT INCHES MM DIM MIN MAX MIN MAX NOTE A .190 .205 4.80 5.20 B --- .022 --- .55 Nominal C .095 .105 2.40 2.67 ∅ A B C Cathode Mark .210” .035” .115” Revision: B 20 11/09/06 TM Micro Commercial Components www.mccsemi.com 1 of 3 • Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates RoHS Compliant. See ordering information) Notes: 1. Lead in Glass Exemption Applied, see EU Directive Annex Notes 5. • Moisture Sensitivity Level 1 |
Số phần tương tự - DL4752 |
|
Mô tả tương tự - DL4752 |