công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG661BRU bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADG661BRU
Giải thích chi tiết về linh kiện  LC2MOS Precision 5 V Quad SPST Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG661BRU bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADG661BRU Datasheet HTML 1Page - Analog Devices ADG661BRU Datasheet HTML 2Page - Analog Devices ADG661BRU Datasheet HTML 3Page - Analog Devices ADG661BRU Datasheet HTML 4Page - Analog Devices ADG661BRU Datasheet HTML 5Page - Analog Devices ADG661BRU Datasheet HTML 6Page - Analog Devices ADG661BRU Datasheet HTML 7Page - Analog Devices ADG661BRU Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADG661/ADG662/ADG663
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
LC2MOS
Precision 5 V Quad SPST Switches
FUNCTIONAL BLOCK DIAGRAM
FEATURES
+5 V,
5 V Power Supplies
Ultralow Power Dissipation (<0.5
W)
Low Leakage (<100 pA)
Low On Resistance (<50
)
Fast Switching Times
Low Charge Injection
TTL/CMOS Compatible
TSSOP Package
APPLICATIONS
Battery Powered Instruments
Single Supply Systems
Remote Powered Equipment
+5 V Supply Systems
Computer Peripherals such as Disk Drives
Precision Instrumentation
Audio and Video Switching
Automatic Test Equipment
Precision Data Acquisition
Sample Hold Systems
Communication Systems
Each switch conducts equally well in both directions when ON
and has an input signal range that extends to the supplies. In the
OFF condition, signal levels up to the supplies are blocked. All
switches exhibit break-before-make switching action for use in
multiplexer applications. Inherent in the design is low charge
injection for minimum transients when switching the digital
inputs.
PRODUCT HIGHLIGHTS
1. +5 V Single Supply Operation
The ADG661, ADG662 and ADG663 offer high perfor-
mance, including low on resistance and wide signal range,
fully specified and guaranteed with
±5 V and +5 V supply
rails.
2. Ultralow Power Dissipation
CMOS construction ensures ultralow power dissipation.
3. Low RON
4. Break-Before-Make Switching
This prevents channel shorting when the switches are config-
ured as a multiplexer.
GENERAL DESCRIPTION
The ADG661, ADG662 and ADG663 are monolithic CMOS
devices comprising four independently selectable switches.
These switches feature low, well-controlled on resistance and
wide analog signal range, making them ideal for precision analog
signal switching.
They are fabricated using Analog Devices' advanced linear
compatible CMOS (LC2MOS) process, which offers benefits of
low leakage currents, ultralow power dissipation and low capaci-
tance for fast switching speeds with minimum charge injection.
The on resistance profile is very flat over the full analog input
range ensuring excellent linearity and low distortion when
switching audio signals. Fast switching speed coupled with high
signal bandwidth also make the parts suitable for video signal
switching. CMOS construction ensures ultralow power dissipa-
tion making the parts ideally suited for portable and battery
powered instruments.
The ADG661, ADG662 and ADG663 contain four indepen-
dent SPST switches. The ADG661 and ADG662 differ only in
that the digital control logic is inverted. The ADG661 switches
are turned on with a logic low on the appropriate control input,
while a logic high is required for the ADG662. The ADG663
has two switches with digital control logic similar to that of the
ADG661, while the logic is inverted on the other two switches.
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG661
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG662
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG663
SWITCHES SHOWN FOR A LOGIC "1" INPUT


Số phần tương tự - ADG661BRU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG661BRU AD-ADG661BRU Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
More results

Mô tả tương tự - ADG661BRU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG513BRZ-REEL7 AD-ADG513BRZ-REEL7 Datasheet
134Kb / 12P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511BRZ AD-ADG511BRZ Datasheet
144Kb / 12P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511 AD-ADG511 Datasheet
124Kb / 11P
   LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. B
ADG411 AD-ADG411 Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
ADG412BRZ AD-ADG412BRZ Datasheet
223Kb / 16P
   LC2MOS Precision Quad SPST Switches
REV. D
ADG433ABRZ AD-ADG433ABRZ Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
ADG431 AD-ADG431 Datasheet
119Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. B
ADG512BRZ-REEL AD-ADG512BRZ-REEL Datasheet
134Kb / 12P
   a LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG663 AD-ADG663_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com