công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG608BRZ-REEL bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện ADG608BRZ-REEL
Giải thích chi tiết về linh kiện  3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG608BRZ-REEL bảng dữ liệu(HTML) 5 Page - Analog Devices

  ADG608BRZ-REEL Datasheet HTML 1Page - Analog Devices ADG608BRZ-REEL Datasheet HTML 2Page - Analog Devices ADG608BRZ-REEL Datasheet HTML 3Page - Analog Devices ADG608BRZ-REEL Datasheet HTML 4Page - Analog Devices ADG608BRZ-REEL Datasheet HTML 5Page - Analog Devices ADG608BRZ-REEL Datasheet HTML 6Page - Analog Devices ADG608BRZ-REEL Datasheet HTML 7Page - Analog Devices ADG608BRZ-REEL Datasheet HTML 8Page - Analog Devices ADG608BRZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADG608/ADG609
REV. A
–5–
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25°C unless otherwise noted)
VDD to VSS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +13 V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6.5 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –6.5 V
Analog, Digital Inputs
2
. . . . . . . . . . . . . . –0.3 V to VDD + 2 V
or 20 mA, Whichever Occurs First
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . 20 mA
Peak Current, S or D
(Pulsed at 1 ms, 10% Duty Cycle Max) . . . . . . . . . . 40 mA
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (T Version) . . . . . . . . . . . . . . . – 55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Plastic DIP Package
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . .
117
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . +260
°C
SOIC Package
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 77
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
TSSOP Package
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 158°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >5000 V
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Only one absolute maximum rating may be applied at any one time.
2Overvoltages at A, S, D or EN will be clamped by internal diodes. Current should
be limited to the maximum ratings given.
PIN CONFIGURATIONS
DIP/SOIC/TSSOP
DIP/SOIC/TSSOP
A0
EN
A1
GND
S2A
S3A
S4A
S2B
S3B
S4B
VSS
S1A
VDD
S1B
DA
DB
1
2
16
15
5
6
7
12
11
10
3
4
14
13
8
9
TOP VIEW
(Not to Scale)
ADG609
A0
EN
S2
S3
S4
VSS
S1
D
1
2
16
15
5
6
7
12
11
10
3
4
14
13
8
9
TOP VIEW
(Not to Scale)
ADG608
A1
A2
S5
S6
S7
GND
VDD
S8
Table I. ADG608 Truth Table
A2
A1
A0
EN
ON SWITCH
X
X
X
0
NONE
00
0
1
1
00
1
1
2
01
0
1
3
01
1
1
4
10
0
1
5
10
1
1
6
11
0
1
7
11
1
1
8
X = Don’t Care
Table II. ADG609 Truth Table
A1
A0
EN
ON SWITCH PAIR
X
X
0
NONE
00
1
1
01
1
2
10
1
3
11
1
4
X = Don’t Care


Số phần tương tự - ADG608BRZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG608BRZ AD-ADG608BRZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results

Mô tả tương tự - ADG608BRZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BRUZ AD-ADG608BRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BRZ AD-ADG608BRZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com