công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLP714F bảng dữ liệu(PDF) 11 Page - Toshiba Semiconductor |
|
TLP714F bảng dữ liệu(HTML) 11 Page - Toshiba Semiconductor |
11 / 15 page TLP714F 11 16. 16. 16. 16. EN60747-5-2 Option (D4) Specification EN60747-5-2 Option (D4) Specification EN60747-5-2 Option (D4) Specification EN60747-5-2 Option (D4) Specification • Part number: TLP714, TLP714F (Note) (Note) (Note) (Note) • The following part naming conventions are used for the devices that have been qualified according to option (D4) of EN60747. Example: TLP714(D4-TP, F) D4: EN60747 option TP: Tape type F: [[G]]/RoHS COMPATIBLE (Note 1) (Note 1) (Note 1) (Note 1) Note: Use TOSHIBA standard type number for safety standard application. e.g., TLP714(D4-TP,F) → TLP714 Note 1: Please contact your Toshiba sales representative for details on environmental information such as the product's RoHS compatibility. RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27 January 2003 on the restriction of the use of certain hazardous substances in electrical and electronics equipment. Fig. Fig. Fig. Fig. 16.1 16.1 16.1 16.1 EN60747 Isolation Characteristics EN60747 Isolation Characteristics EN60747 Isolation Characteristics EN60747 Isolation Characteristics 2012-09-16 Rev.3.0 |
Số phần tương tự - TLP714F |
|
Mô tả tương tự - TLP714F |